Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E10GSFPLR Datasheet(PDF) 28 Page - Intel Corporation

Part # E10GSFPLR
Description  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR Datasheet(HTML) 28 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 24Page - Intel Corporation E10GSFPLR Datasheet HTML 25Page - Intel Corporation E10GSFPLR Datasheet HTML 26Page - Intel Corporation E10GSFPLR Datasheet HTML 27Page - Intel Corporation E10GSFPLR Datasheet HTML 28Page - Intel Corporation E10GSFPLR Datasheet HTML 29Page - Intel Corporation E10GSFPLR Datasheet HTML 30Page - Intel Corporation E10GSFPLR Datasheet HTML 31Page - Intel Corporation E10GSFPLR Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
Intel® Server System SR2600uR
Highly integrated rack server system with highest I/O expandability options
SR2600uRBRPR
SR2600uRlXR
SR2600uRSaTaR
• Intel® Server Board S5520UR
• Intel® Server Chassis with one power supply and specific configuration below:
SR2600URBRPR: Passive midplane, PCI Express* riser with three x8 slots, three system fans, five hard
drive carriers
SR2600URLXR: Active midplane, PCI Express riser with five x8 slots, six hot-swap and redundant fans,
five hard drive carriers
SR2600URSATAR: Passive midplane, PCI Express riser with five x8 slots, six hot-swap and redundant
fans, five hard drive carriers, two power supplies
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
Up to 5 + Intel® I/O Expansion Module
1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
1 x PCI Express 1.0 x4 via bridge board connector to hardware SAS RAID controller on Midplane2
SR2600URBRP: 3 x full-height PCI Express 2.0 x8
SR2600URLX: 3 x full-height PCI Express 2.0 x8, 2 x low-profile PCI Express 2.0 x8
Optional riser: 1 x full-height PCI Express 2.0 x8, 2 x low-profile PCI Express 2.0 x8, 2 x full-height PCI-X
133 MHz, 3 x full-height PCI-X 133 MHz
12 x DDR3 memory DIMMs through 6 memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel® Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module (AXXRMM3)
Integrated: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
Optional SAS: Intel® Integrated Server RAID system boards with RAID 0, 1, 1E, 5, and 6 plus spans
(10, 50, and 60) offer value above a traditional add-in card
2U rack
6 x 3.5” drive bays
Optional 2 x 2.5” fixed drive mounts
2 x passive thermal solutions included
SR2600URBRP: 3 x non-redundant fans
SR2600URLX: 6 x redundant and hot-swap standard fans
Up to two high-efficiency 750 W power supply modules for 1+1 redundant configurations,
80 PLUS* Gold-level efficiency with Intel® On-Demand Redundant Power Technology
3.44” x 16.93” x 27.95” (87mm x 430mm x 710mm)
Intel® Server System SR2625uR
Highly integrated with highest I/O expandability options using 2.5” HDDs
SR2625uRBRPR
SR2625uRlXR
SR2625uRlXTR (option with TPM-enabled board S5520URT)
• Intel® Server Board S5520UR
• Intel® Server Chassis with one power supply and specific configuration below:
SR2625URBRPR: Passive midplane, PCI Express* riser with three x8 slots, six hard drive carriers
SR2625URLXR: Active midplane, PCI Express riser with five x8 slots, eight hard drive carriers
1 to 2
Intel® Xeon® processor 5500 or 5600 series6
6.40 GT/s / 5.86 GT/s / 4.80 GT/s
Intel® 5520 Chipset with ICH10R
Up to 5 + Intel® I/O Expansion Module
1 x PCI Express 2.0 x8 via Intel® I/O Expansion Module
1 x PCI Express 1.0 x4 via bridge board connector to hardware SAS RAID controller on Midplane2
SR2625URBRP: 3 x full-height PCI Express 2.0 x8
SR2625URLX: 3 x full-height PCI Express 2.0 x8, 2 x low-profile PCI Express 2.0 x8
Optional riser: 1 x full-height PCI Express 2.0 x8, 2 x low-profile PCI Express 2.0 x8, 2 x full-height
PCI-X 133 MHz, 3 x full-height PCI-X 133 MHz
12 x DDR3 memory DIMMs through 6 memory channels
Hot-swap SAS / SATA backplane
Embedded Intel® Dual-Gigabit Controller 82575EB with Intel® Virtualization Technology7
Server Engine* LLC Pilot II* with 64 MB DDR2 memory, 8 MB allocated to graphics
Intel® System Management Software 3.x
Intel® Deployment Assistant
IPMI 2.0 onboard with optional Intel® Remote Management Module (AXXRMM3)
Integrated: Intel® Embedded Server RAID Technology with host-based software RAID levels 0, 1, and 10
Optional software RAID 5 with activation key
Optional SAS: Intel® Integrated Server RAID system boards with RAID 0, 1, 1E, 5, and 6 plus spans
(10, 50, and 60) offer value above a traditional add-in card
2U rack
8 x 2.5” drive bays
Optional 2 x 2.5” fixed drive mounts
2 x passive thermal solutions included
SR2625URBRP: 3 x non-redundant fans
SR2625URLX: 6 x redundant and hot-swap standard fans
Up to two high-efficiency 750 W power supply modules for 1+1 redundant configurations,
80 PLUS* Gold-level efficiency with Intel® On-Demand Redundant Power Technology
3.44” x 16.93” x 27.95” (87mm x 430mm x 710mm)
System
Order Code1, 2
Components Included
number of Processors
Supported
Processor Support3
Intel® QPI (gT/s)5 /
System Bus Speed (mHz)
Chipset
Total Slots
Slot Types
memory Capacity
Backplane
Integrated lan
Integrated graphics
Server management
Support
Intel® RaID Controller
Compatibility4
form factor
Drive Bays
Thermal Solution
System Cooling
Power Supply
Dimensions (H x W x D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com