Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor HM17CM256 Datasheet HTML 11Page - Hynix Semiconductor HM17CM256 Datasheet HTML 12Page - Hynix Semiconductor HM17CM256 Datasheet HTML 13Page - Hynix Semiconductor HM17CM256 Datasheet HTML 14Page - Hynix Semiconductor HM17CM256 Datasheet HTML 15Page - Hynix Semiconductor HM17CM256 Datasheet HTML 16Page - Hynix Semiconductor HM17CM256 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
HM17CM256
- 13 -
PIN DESCRIPTION 4
No.
NAME
I/O
FUNCTION
Segment drive port
Segment output from display RAM data
mode
Non-lighted
lighted
Normal
0
1
Reverse
1
0
The output level is selected among VLCD, V2, V3, VSS by the
combination of FR signal and RAM data
(B/W mode)
FR signal
display RAM data
Normal mode
V2
VLCD
V3
VSS
Reverse mode
VLCD
V2
VSS
V3
174~557
SEGA0~SEGA127,
SEGB0~SEGB127,
SEGC0~SEGC127
O
164~169,
562~567
SEGSA0~SEGSA3,
SEGSB0~SEGSB3,
SEGSC0~SEGSC3
O
Dummy segment driver output
Located at both side of segment drivers, used for edge
display.
Common driver output
The output level is selected among VLCD, V1, V4 and VSS by
the combination of FR and scan data.
data
FR
Output level
H
H
VSS
L
H
V1
H
L
VLCD
L
L
V4
162~137,
132~119,
568~594,
3~15
COM0~COM79
O
163
COMI0
O
Common drive output for icon display
16
COMI1
O
Common drive output for icon display
65,
66
OSC1,
OSC2
I
O
External reference clock input pin
Open when using internal oscillator clock or used as slave
device.
In this case, OSC1 goes to VSS level.
Connect external oscillating source to OSC1 port or connect
resistor between OSC1 and OSC2 when using external
oscillator.
Input / output pin for display timing clock
Output clock from master device is applied to slave chip
through CLK pin when used as master / slave mode.
M/S
mode
CLK
H
master
output
L
slave
input*
64
CLK
I/O
*input from master chip’s CLK output
(port No. 1,2,133,134,135,136,170,171,172,173,558,559,560,561,595,596 is dummy port.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com