Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor HM17CM256 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
HM17CM256
- 7 -
s PAD coordinates 4
chip size 19840
µm x 2480µm (chip center : 0µm x 0µm )
PAD
No.
Pin name
X(
µm) Y(µm) PAD
No.
Pin name
X (
µm) Y (µm) PAD
No.
Pin name
X (
µm) Y (µm)
460
SEGB95
-4725
1068
511
SEGB112
-7275
1068
562
SEGSA2
-9726
800
461
SEGC95
-4775
1068
512
SEGC112
-7325
1068
563
SEGSB2
-9726
750
462
SEGA96
-4825
1068
513
SEGA113
-7375
1068
564
SEGSC2
-9726
700
463
SEGB96
-4875
1068
514
SEGB113
-7425
1068
565
SEGSA3
-9726
650
464
SEGC96
-4925
1068
515
SEGC113
-7475
1068
566
SEGSB3
-9726
600
465
SEGA97
-4975
1068
516
SEGA114
-7525
1068
567
SEGSC3
-9726
550
466
SEGB97
-5025
1068
517
SEGB114
-7575
1068
568
COM40
-9726
500
467
SEGC97
-5075
1068
518
SEGC114
-7625
1068
569
COM41
-9726
450
468
SEGA98
-5125
1068
519
SEGA115
-7675
1068
570
COM42
-9726
400
469
SEGB98
-5175
1068
520
SEGB115
-7725
1068
571
COM43
-9726
350
470
SEGC98
-5225
1068
521
SEGC115
-7775
1068
572
COM44
-9726
300
471
SEGA99
-5275
1068
522
SEGA116
-7825
1068
573
COM45
-9726
250
472
SEGB99
-5325
1068
523
SEGB116
-7875
1068
574
COM46
-9726
200
473
SEGC99
-5375
1068
524
SEGC116
-7925
1068
575
COM47
-9726
150
474
SEGA100
-5425
1068
525
SEGA117
-7975
1068
576
COM48
-9726
100
475
SEGB100
-5475
1068
526
SEGB117
-8025
1068
577
COM49
-9726
50
476
SEGC100
-5525
1068
527
SEGC117
-8075
1068
578
COM50
-9726
0
477
SEGA101
-5575
1068
528
SEGA118
-8125
1068
579
COM51
-9726
-50
478
SEGB101
-5625
1068
529
SEGB118
-8175
1068
580
COM52
-9726
-100
479
SEGC101
-5675
1068
530
SEGC118
-8225
1068
581
COM53
-9726
-150
480
SEGA102
-5725
1068
531
SEGA119
-8275
1068
582
COM54
-9726
-200
481
SEGB102
-5775
1068
532
SEGB119
-8325
1068
583
COM55
-9726
-250
482
SEGC102
-5825
1068
533
SEGC119
-8375
1068
584
COM56
-9726
-300
483
SEGA103
-5875
1068
534
SEGA120
-8425
1068
585
COM57
-9726
-350
484
SEGB103
-5925
1068
535
SEGB120
-8475
1068
586
COM58
-9726
-400
485
SEGC103
-5975
1068
536
SEGC120
-8525
1068
587
COM59
-9726
-450
486
SEGA104
-6025
1068
537
SEGA121
-8575
1068
588
COM60
-9726
-500
487
SEGB104
-6075
1068
538
SEGB121
-8625
1068
589
COM61
-9726
-550
488
SEGC104
-6125
1068
539
SEGC121
-8675
1068
590
COM62
-9726
-600
489
SEGA105
-6175
1068
540
SEGA122
-8725
1068
591
COM63
-9726
-650
490
SEGB105
-6225
1068
541
SEGB122
-8775
1068
592
COM64
-9726
-700
491
SEGC105
-6275
1068
542
SEGC122
-8825
1068
593
COM65
-9726
-750
492
SEGA106
-6325
1068
543
SEGA123
-8875
1068
594
COM66
-9726
-800
493
SEGB106
-6375
1068
544
SEGB123
-8925
1068
595
DMY7(L)
-9726
-850
494
SEGC106
-6425
1068
545
SEGC123
-8975
1068
596
DMY7(R)
-9726
-900
495
SEGA107
-6475
1068
546
SEGA124
-9025
1068
496
SEGB107
-6525
1068
547
SEGB124
-9075
1068
497
SEGC107
-6575
1068
548
SEGC124
-9125
1068
498
SEGA108
-6625
1068
549
SEGA125
-9175
1068
499
SEGB108
-6675
1068
550
SEGB125
-9225
1068
500
SEGC108
-6725
1068
551
SEGC125
-9275
1068
501
SEGA109
-6775
1068
552
SEGA126
-9325
1068
502
SEGB109
-6825
1068
553
SEGB126
-9375
1068
503
SEGC109
-6875
1068
554
SEGC126
-9425
1068
504
SEGA110
-6925
1068
555
SEGA127
-9475
1068
505
SEGB110
-6975
1068
556
SEGB127
-9525
1068
506
SEGC110
-7025
1068
557
SEGC127
-9575
1068
507
SEGA111
-7075
1068
558
DMY5(L)
-9625
1068
508
SEGB111
-7125
1068
559
DMY5(R)
-9675
1068
509
SEGC111
-7175
1068
560
DMY6(L)
-9726
900
510
SEGA112
-7225
1068
561
DMY6(R)
-9726
850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com