Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 40Page - Hynix Semiconductor HM17CM256 Datasheet HTML 41Page - Hynix Semiconductor HM17CM256 Datasheet HTML 42Page - Hynix Semiconductor HM17CM256 Datasheet HTML 43Page - Hynix Semiconductor HM17CM256 Datasheet HTML 44Page - Hynix Semiconductor HM17CM256 Datasheet HTML 45Page - Hynix Semiconductor HM17CM256 Datasheet HTML 46Page - Hynix Semiconductor HM17CM256 Datasheet HTML 47Page - Hynix Semiconductor HM17CM256 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
HM17CM256
- 44 -
When using partial display function, the display duty can be selected among 1/17, 1/26, 1/32, 1/38,
1/47, 1/66, 1/77 by setting the LCD duty set command.
The display states such as LCD driving bias ratio, LCD Driving voltage, electric volume setting
value, boosting coefficient should be optimized to the selected LCD and display duty.
(29) DISCHARGE CIRCUIT
The discharge circuit of voltage(VLCD, V1~V4) stabilization capacitor is built in the HM17CM256.
To discharge the capacitors, set the DIS register to “1” or set the RES terminal to “0”. When built-
in power supply circuit is used, built-in power supply circuit should be disabled before discharging of
the capacitor is executed. When external power supply(VLCD, V1~V4, VOUT) is used, external power
supply should be turned off before discharging of the capacitor is executed. Do not turn on the
internal power supply and external power supply (VLCD, V1~V4, VOUT) during discharging is executed.
(30) RESET CIRCUIT
HM17CM256 is initialized as following description when RES terminal is set to “L”.
INITIAL SETTING CONDITION (default setting)
1.
display RAM
:unknown
2.
X address
:00H set
3.
Y address
:00H set
4.
display start line
:1 line value 0H
5.
display ON/OFF
:display OFF
6.
positive/negative
:positive
7.
display duty ratio
:1/82
8.
n line inversion
:n inversion disable
9.
COM shift direction
:COM0
→ COM
79, COMI0, COMI1
10.
increment mode
:increment OFF
11.
REF mode
:positive
12.
data SWAP mode
:OFF
13.
electric volume
:(0, 0, 0, 0, 0, 0, 0)
14.
power circuit
:OFF
15.
display mode :gradation display mode
16.
bias ratio
:1/10 bias
17.
gradation palette 0
:(0, 0, 0, 0, 0)
18.
gradation palette 1
:(0, 0, 1, 0, 1)
19.
gradation palette 2
:(0, 1, 0, 1, 0)
20.
gradation palette 3
:(0, 1, 1, 1, 0)
21.
gradation palette 4
:(1, 0, 0, 0, 1)
22.
gradation palette 5
:(1, 0, 1, 0, 1)
23.
gradation palette 6
:(1, 1, 0, 1, 0)
24.
gradation palette 7
:(1, 1, 1, 1, 1)
25.
gradation mode
:variable mode
26.
GLSB
:"0"
27.
RAM data length
:8 bit mode
28.
discharge register
:"0"
Usually RES terminal is connected reset terminal of CPU, so that the chip can be initialized
simultaneously with CPU. HM17CM256 should be initialized when the power is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com