Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 56 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 56 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 52Page - Hynix Semiconductor HM17CM256 Datasheet HTML 53Page - Hynix Semiconductor HM17CM256 Datasheet HTML 54Page - Hynix Semiconductor HM17CM256 Datasheet HTML 55Page - Hynix Semiconductor HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor HM17CM256 Datasheet HTML 57Page - Hynix Semiconductor HM17CM256 Datasheet HTML 58Page - Hynix Semiconductor HM17CM256 Datasheet HTML 59Page - Hynix Semiconductor HM17CM256 Datasheet HTML 60Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 111 page
background image
HM17CM256
- 56 -
•
Inversion timing
a) when n-line inversion function is OFF(1/82 duty display)
b) when n-line inversion function is ON
(34-7) display control (1) register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
0
0
0
SHIFT
MON
ALLON ON/OFF
( reset :{SHIFT, MON, ALLON, ON/OFF}=0H,
read address : 8H)
various control setting of display
a) ON/OFF command
Display ON/OFF control
ON/OFF=”0”: display OFF (all ports are VSS level)
ON/OFF=”1”: display ON
b) ALLON command
Setting display data to “1” with independence of RAM data.
This command has higher priority than
positive display/negative display command.
RAM data is not changed.
ALLON=”0”: normal display state
ALLON=”1”: turn on all the pixel
c) MON command
BW display / gradation display selection
MON=”0”: gradation display mode
MON=”1”: BW display mode
d) SHIFT command
Selection of the shift direction of scan data of common driver output
SHIFT=”0”:COM0
COM79 shift
SHIFT=”1”:COM79
COM0 shift
LP
FLM
FR
LP
FR
2 line
82 line
N line control
1 line
3 line
1 line
81 line
2 line
1 line
3 line
1 line
N line
2 line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com