Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HM17CM256 Datasheet HTML 1Page - Hynix Semiconductor HM17CM256 Datasheet HTML 2Page - Hynix Semiconductor HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
- 1 -
HM17CM256
128XRGBX82 OUTPUT LCD DRIVER IC
with built-in RAM
s INSTRUCTION
HM17CM256 is a dot-Matrix LCD drive IC with 82
commons (80 + 2 icons) and 384 segments (128 X
RGB) drive ports for 256 colors driving.
This IC stores the serial or parallel BIT data
transferred by the microcomputer on the built-in
RAM (81,920 bits for graphic + 2048 bits for icons)
and generates the signals to drive LCD panel.
Color graphic display is achieved by selecting 8
gray (256 color) levels out of 32 gray palettes
independently.
This IC is suitable for battery-operated system,
hand-carrying information equipment by ensuring
low power consumption, low power supply (1.7V ~ )
and a wide range of operating voltage.
And 164 x 128 display (maximum) is possible with
master and slave application.
s FEATURES
256 color bitmap LCD driver
LCD drive outputs
128
×RGB segments, 80 commons for graphic and 2 commons for icons
Display RAM capacity 81,920bits (for graphic usage)
2,048bits (for icon usage)
Gradation display
8 gradations can be selected from 32 gradations by PWM control
Black/White display
82
× (128 × 3) bits display is possible
8 bit BUS interface
directly connectable with 68 / 80 series CPU
RAM data length
8 BIT / 16 BIT selectable
Serial interface available
Programmable duty / bias ratio with command
Various instruction set
display data read/write, display ON/OFF, positive/negative display, page address set
display start line address set, partial display, bias select,
column address set, all display ON/OFF, boosting selection, n line inversion mode
read modified write, power save …
Built-in voltage booster (programmable) : 7
× boosting
Built-in voltage regulator
Controllable contrast with built-in electric volume (128 steps)
Low current consumption
Logic supply
1.7V ~ 3.3V
LCD drive supply
5.0V ~ 18.0V
C-MOS silicon process
Package
bumped chip / bare chip
Preliminary Specification(0.3)
HM17CM256
EXTERNAL SHAPE
01/02/09


Similar Part No. - HM17CM256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
More results

Similar Description - HM17CM256

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16663 NEC-UPD16663 Datasheet
289Kb / 40P
240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9445 ETC2-ML9445 Datasheet
740Kb / 84P
180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9445-02 ETC2-FEDL9445-02 Datasheet
608Kb / 84P
180-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com