Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor HM17CM256 Datasheet HTML 38Page - Hynix Semiconductor HM17CM256 Datasheet HTML 39Page - Hynix Semiconductor HM17CM256 Datasheet HTML 40Page - Hynix Semiconductor HM17CM256 Datasheet HTML 41Page - Hynix Semiconductor HM17CM256 Datasheet HTML 42Page - Hynix Semiconductor HM17CM256 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
HM17CM256
- 39 -
(24) ELECTRIC VOLUME
The electric volume is within voltage converting circuit and the brightness of LCD can be controlled
by adjusting VLCD level with command.
The LCD driving voltage VLCD is generated by selecting 1 level within 128 step electric volume
controlled levels by setting 7 bit electric volume register.
(25)
VOLTAGE REGULATOR CIRCUIT
The voltage regulator circuit is within voltage converting circuit and generates regulated voltage
using VREF input with magnification by adjusting internal resistor.
The generated voltage by voltage
regulator is output at VREG terminal.
Even though boosted voltage variation, generated regulator
voltage is stable because boosting voltage level is higher than the amplified regulator voltage VREG .
And so, stable voltage level can be generated even if there is load variation.
VREG is used as input voltage of electric volume circuit to generate LCD driving voltage.
(26) REFERENCE VOLTAGE GENERATION CIRCUIT
The reference voltage generation circuit is within voltage converting circuit.
This circuit generates reference voltage VBA terminal for using at regulator circuit through.
The
output voltage level from VBA terminal is as following description.
VBA = VEE x 0.9
The LCD driving voltages can be made by applying reference voltage to reference voltage input
terminal VREF .
(27)
LCD DRIVING VOLTAGE GENERATION CIRCUIT
The generation circuit of LCD driving voltage is within voltage converting circuit and generates
voltages VLCD, V1, V2, V3, V4 by resistively dividing VLCD into 4 levels.
The bias ratio of LCD driving voltages can be one of 1/5, 1/6, 1/7, 1/8, 1/9, 1/10.
When using built-in power supply circuit, you should connect voltage stabilization capacitor CA2 at
each of LCD power terminals.
There is need for selecting the coefficient of capacitor CA2 after
display the LCD.
When using external voltage supply, disable the built-in power supply circuit(AMPON, DCON=‘00’),
supply the VOUT, VLCD, V1, V2, V3, V4 voltages externally and open the C1+ , C1- , C2+ , C2- , C3+ , C3- ,
C4+ , C4- , C5+ , C5- , C6+ , C6- , VEE , VREF , VREG terminals.
When using external voltage source and parts of built-in voltage converting circuit, the terminals of
C1+ , C1- , C2+ , C2- , C3+ , C3- , C4+ , C4- , C5+ , C5- , C6+ , C6- should be open because boosting
circuit is not activated, you should supply reference voltage through VREF terminal and the voltage for
voltage converting circuit at VOUT .
Connecting stabilization capacitor CA3 at VREG terminal is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com