Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 69 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 69 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 65Page - Hynix Semiconductor HM17CM256 Datasheet HTML 66Page - Hynix Semiconductor HM17CM256 Datasheet HTML 67Page - Hynix Semiconductor HM17CM256 Datasheet HTML 68Page - Hynix Semiconductor HM17CM256 Datasheet HTML 69Page - Hynix Semiconductor HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
HM17CM256
- 69 -
(34-16) Display start command set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
0
1
1
0
*
SC2
SC1
SC0
( reset :{SC2, SC1, SC0}=0H, read address :6H)
* : “Don’t care”
Setting the scan start output of common driver.
SC2
SC1
SC0
SHIFT=0 starting point of COM.
SHIFT=1 starting point of COM.
0
0
0
COM0~
COM79~
0
0
1
COM15~
COM64~
0
1
0
COM30~
COM49~
0
1
1
COM45~
COM34~
1
0
0
COM60~
COM19~
1
0
1
COM75~
COM4~
1
1
0
forbidden
forbidden
1
1
1
forbidden
forbidden
SHIFT=0:COM
increasing direction scanning
SHIFT=1:COM
decreasing direction scanning
(34-17) Serial extension CS control
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
0
1
1
1
*
*
*
EXCS
( reset :{EXCS}=1H,
read address :7H)
* : “Don’t care”
Controlling the output of extension CS at serial interface application.
EXCS pin is I/O pin and used as output at master mode device thus can be controlled.
EXCS=”0”:EXCS pin output is set to “L”.
EXCS=”1”:EXCS pin output is set to “H”.
(34-18) display selection control
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
0
0
0
PWM GLSB
*
*
( reset :{PWM, GLSB}=0H,
read address :8H)
* : “Don’t care”
a) GLSB command
The segment driver outputs corresponding to 4 gradation display actually uses 3 bit data to select 4
gradation levels out of 8 gradation levels, 2 bit data out of RAM area and 1 bit out of Gradation LBS.
This command sets the supplement 1 bit Gradation LSB ( GLSB ) register.
GLSB=”0”: Set the LSB of segment driver corresponding to 4-gradataion display to “0”.
GLSB=”1”: Set the LSB of segment driver corresponding to 4 gradataion display to “1”.
b) PWM command
Selection gradation display mode.
PWM=”0”:
Gradation mode is selected variable 8 gradation among 32 levels.
PWM=”1”:
Fixed 8 gradation display mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com