Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 53Page - Hynix Semiconductor HM17CM256 Datasheet HTML 54Page - Hynix Semiconductor HM17CM256 Datasheet HTML 55Page - Hynix Semiconductor HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor HM17CM256 Datasheet HTML 57Page - Hynix Semiconductor HM17CM256 Datasheet HTML 58Page - Hynix Semiconductor HM17CM256 Datasheet HTML 59Page - Hynix Semiconductor HM17CM256 Datasheet HTML 60Page - Hynix Semiconductor HM17CM256 Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
HM17CM256
- 57 -
(34-8) Display control (2) register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
0
0
1
REV
NLIN
SWAP
REF
( reset :{REV, NLIN, SWAP, REF}=0H, read address :9H )
various control setting of display
a) REF command
When CPU tries to access display RAM, the relation between X address and write data is changed by
command, normal or headfirst.
The output sequence of display data to segment driver can be controlled by register setting. The IC can
be placed in panel with less constraint at application.
b) SWAP command
When CPU tries to access display RAM, the display data can be swapped.
SWAP=”0”: Normal state, D7~D0 or D15~D0 are written to the RAM.
SWAP=”1”: SWAP mode on : The swapped data of D7~D0 or D15~D0 are written to the RAM.
SWAP=”0”
SWAP=”1”
Write data
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
Internal data
d7 d6 d5 d4 d3 d2 d1 d0
d0 d1 d2 d3 d4 d5 d6 d7
Read data
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
c) NLIN command
n line inversion ON/OFF control.
NLIN=”0”: n line inversion OFF. Polarity signal, FR is inverted every other frame.
NLIN=”1”: n line inversion ON. The n lines are inverted according to the contents of n line inversion
register
d) REV command
The relation between RAM data and display data is defined by this command.
REV=”0”: The display data are reflected the RAM data until that time.
REV=”1”: The display data are reflected the opposite data from RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com