Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 26Page - Hynix Semiconductor HM17CM256 Datasheet HTML 27Page - Hynix Semiconductor HM17CM256 Datasheet HTML 28Page - Hynix Semiconductor HM17CM256 Datasheet HTML 29Page - Hynix Semiconductor HM17CM256 Datasheet HTML 30Page - Hynix Semiconductor HM17CM256 Datasheet HTML 31Page - Hynix Semiconductor HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
HM17CM256
- 30 -
When display RAM is accessed by 16 bit data width, the weight of each data bit is dependent on
the status of SWAP register and REF register, the same method as 8 bit access
•
ACCESS when (REF, SWAP)=(0, 0) or (1, 1)
notice) internal access X address :nH~3FH (access when REF=”0”)
:3FH~nH (access when REF=”1”)
•
ACCESS when (REF, SWAP)=(0, 1) or (1, 0)
notice) internal access X address :nH~3FH (access when REF=”0”)
:3FH~nH (access when REF=”1”)
MSB LSB
MSB LSB
MSB
GLSB circuit
CPU access data
X address :nH
1
LSB
MSB
LSB
MSB
MSB
1
0
0
0
0
0
1
1
1
1
0
1
1
1
1
0
0
D0
D1
D2
D3 D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15
SEGAi
SEGBi
0
Palette Aj
SEGCi
Palette Cj
Gradation palette
i=0~126
j=0~7
Gradation
control ciruit
Display RAM data
0
0
0
0
1
1
1
1
0
0
SEGBi+1
Palette Bj
Palette Cj
Palette Bj
Palette Aj
SEGAi+1
SEGCi+1
1
1
0
0
SEGAi
SEGBi
1
Palette Aj
SEGCi
Palette Cj
MSB
LSB MSB
LSB MSB
GLSB circuit
Gradation palette
i=0~126
j=0~7
CPU access data
X address :nH
Graydation
control ciruit
Display RAM data
1
0
0
1
1
1
0
0
1
1
0
LSB
MSB
LSB MSB
MSB
SEGBi+1
Palette Bj
Palette Cj
Palette Bj
Palette Aj
SEGAi+1
SEGCi+1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
1
1
1
1
0
0
0
D0
D1
D2
D3 D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14 D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com