Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 25Page - Hynix Semiconductor HM17CM256 Datasheet HTML 26Page - Hynix Semiconductor HM17CM256 Datasheet HTML 27Page - Hynix Semiconductor HM17CM256 Datasheet HTML 28Page - Hynix Semiconductor HM17CM256 Datasheet HTML 29Page - Hynix Semiconductor HM17CM256 Datasheet HTML 30Page - Hynix Semiconductor HM17CM256 Datasheet HTML 31Page - Hynix Semiconductor HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
HM17CM256
- 29 -
(11)
display data structure and gradation control
For the purpose of gradation control, information per pixel requires multiple bits.
This IC has 3 bit
or 2 bit data per output to achieve the gradation display.
This IC is connected to an STN color LCD panel by three segment port units and one pixel consists
of three outputs of segment driver, and so 256 color ( 3 bits x 3 bits x 2 bits ) display on 128 x 82
pixels is realized.
Since one pixel data can be processed by one time access to memory, the data can be rewritten
fast and naturally.
The weight of each data bit is dependent on the status of SWAP register bit and REF register
when data is written to the display RAM.
•
ACCESS when (REF, SWAP)=(0, 0) or (1, 1)
notice) internal access X address :nH~7FH (access when REF=”0”)
:7FH~nH (access when REF=”1”)
•
ACCESS when (REF, SWAP)=(0, 1) or (1, 0)
notice) internal access X address :nH~7FH (access when REF=”0”)
:7FH~nH (access when REF=”1”)
SEGAi
SEGBi
Aj
Palette Bj
0
0
Palette Aj
1
0
0
SEGCi
Palette Cj
1
1
1
MSB
LSB
MSB
LSB
MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
0
GLSB circuit
Gradation palette
i=0~127
j=0~7
CPU access data
X address :nH
Gradation
control circuit.
Display RAM data
SEGAi
SEGBi
1
1
1
0
0
SEGCi
Palette Aj
Palette Bj
Palette Cj
1
0
0
MSB
LSB MSB
LSB MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
Gradation palette
i=0~127
j=0~7
CPU access data
X address :nH
Gradation
control circuit
Display RAM data
0
GLSB circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com