Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor HM17CM256 Datasheet HTML 38Page - Hynix Semiconductor HM17CM256 Datasheet HTML 39Page - Hynix Semiconductor HM17CM256 Datasheet HTML 40Page - Hynix Semiconductor HM17CM256 Datasheet HTML 41Page - Hynix Semiconductor HM17CM256 Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
HM17CM256
- 38 -
This block generates the voltages necessary for driving LCD panel. The power supply circuit
consists of voltage boosting circuit and voltage converting circuit and generates the voltages (VLCD,
V1, V2, V3, V4. ) for LCD driving.
For large panel driving, it’s preferable to use external voltage source rather than to use built-in
power supply circuit for good image quality.
When using external voltage source, disable the built-in power supply circuit(AMPON, DCON=‘00’),
supply the VLCD, V1, V2, V3, V4 and VOUT externally and open the C1+, C1-, C2+, C2-, C3+, C3-, C4+, C4-,
C5+, C5-, C6+, C6-, VREF, VREG, VEE terminals.
According to power supply circuit control command input, the power supply circuit can be enabled
partially.
External power supply and partial inner power circuit can be used together.
Refer to the
next table.
DCON
AMPON
Boosting circuit
Converting circuit
External voltage input
remark
0
0
Disable
disable
VOUT, VLCD, V1, V2, V3, V4 common
1,3
0
1
Disable
enable
VOUT common
2,3
1
1
Enable
enable
−
−
1. All the built-in boosting circuit, converting circuit is not used. Open the ,C1+, C1-, C2+, C2-, C3+, C3-, C4+,
C4-, C5+, C5-, C6+, C6-, VREF, VREG, VEE terminals, LCD driving voltage should be applied externally.
2.Only the Boosting circuit is not used. Open the C1+,C1-,C2+,C2-,C3+,C3-,C4+,C4-,C5+,C5-,C6+,C6-, VOUT
terminals, The power for converting circuit must be supplied through VOUT terminal and the reference
voltage must be supplied by VREF terminal.
3.The conditions between VOUT, VLCD, V1, V2, V3, and V4
are
VOUT
≥ V
LCD
≥ V
1
≥ V
2
≥ V
3
≥ V
4
≥ V
SS.
(23) VOLTAGE BOOSTING CIRCUIT
By connecting capacitor CA1 between C1+ and C1-, C2+ and C2-, C3+ and C3-, C4+ and C4-, C5+
and C5- , C6+ and C6-, VOUT and VSS , n-time boosted voltage of VEE - VSS can be generated through
VOUT port.
The boosting coefficient can be set by command and 2-times/ 3-times / 4-times/ 5-
times/ 6-times/ 7-times boosted voltage is output through VOUT port.
At application, specific boosting coefficient is used, refer to the following description.
At 2-times boosting is designed, connect boosting capacitor CA1 between C1+ and C1- , and
open C2+, C2-, C3+, C3-, C4+, C4-, C5+, C5-, C6+, C6- terminals.
At 3-times boosting is designed, connect boosting capacitor CA1 between C1+ and C1- , C2+
and C2- , and open C3+,C3-, C4+, C4-, C5+, C5-, C6+, C6-
terminals.
At 4-times boosting is designed, connect boosting capacitor CA1 between C1+ and C1- , C2+
and C2- , C3+ and C3- , and open C4+, C4-, C5+, C5-, C6+, C6- terminals
At 5-times/ 6-times/ 7-times boosting are same structures with upper case.
Special care should be taken so that the voltage of VOUT would not exceed 18V MAX.
VOUT voltage exceeding 18V can cause malfunction and reliability problem.
3-times boosting
7-times boosting
VSS=0V
VEE=3V
VOUT=9V
VOUT=17.5V
VSS=0V
VEE=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com