Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 55 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 55 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 51Page - Hynix Semiconductor HM17CM256 Datasheet HTML 52Page - Hynix Semiconductor HM17CM256 Datasheet HTML 53Page - Hynix Semiconductor HM17CM256 Datasheet HTML 54Page - Hynix Semiconductor HM17CM256 Datasheet HTML 55Page - Hynix Semiconductor HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor HM17CM256 Datasheet HTML 57Page - Hynix Semiconductor HM17CM256 Datasheet HTML 58Page - Hynix Semiconductor HM17CM256 Datasheet HTML 59Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
HM17CM256
- 55 -
(34-5) Display start line register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
0
1
0
0
LA3
LA2
LA1
LA0
(reset:LA3~LA0=0H, read address:4H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
0
1
0
1
*
LA6
LA5
LA4
(reset:LA6~LA4=0H, read address:5H)
* : “Don’t care”
Setting the line address of COM0. The address stored at the start line register becomes display line at
COM0 line of LCD panel.
The display of LCD panel is done from line address value to the direction of increase.
LA6
LA5
LA4
LA3
LA2
LA1
LA0
Line address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
:
:
:
:
1
0
0
1
1
1
1
79
(34-6) n line inversion register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
0
1
1
0
N3
N2
N1
N0
( reset :N3~N0=0H,
read address :6H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
0
1
1
1
*
N6
N5
N4
( reset :N6~N4=0H,
read address :7H)
* : “Don’t care”
Setting line number to be inversed to register.
Setting range is from 2 to 80.
N line inversion register
can be effective only when N line inversion command NLIN=‘1
”.
If NLIN=“0”, the polarity of LCD driving voltage is inverted by every other frame.
N6
N5
N4
N3
N2
N1
N0
Inversion line number
0
0
0
0
0
0
0
Forbidden *
0
0
0
0
0
0
1
2
:
:
:
:
1
0
0
1
1
1
1
80
n=N-1
* : N0~N6 =”0” is forbidden.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com