Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HM17CM256 Datasheet HTML 1Page - Hynix Semiconductor HM17CM256 Datasheet HTML 2Page - Hynix Semiconductor HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
HM17CM256
- 4 -
s PAD coordinates 1
chip size 19840
µm x 2480µm ( chip center : 0µm x 0µm )
PAD
No.
Pin name
X(
µm) Y(µm) PAD
No.
Pin name
X (
µm) Y (µm) PAD
No.
Pin name
X (
µm) Y (µm)
1
DMY0(L)
-9625
-1068
52
D10
-2550
-1068
103
C4+(L)
6120
-1068
2
DMY0(R)
-9575
-1068
53
D11
-2380
-1068
104
C4+(R)
6290
-1068
3
COM67
-9525
-1068
54
D12
-2210
-1068
105
C4-(L)
6460
-1068
4
COM68
-9475
-1068
55
D13
-2040
-1068
106
C4-(R)
6630
-1068
5
COM69
-9425
-1068
56
D14
-1870
-1068
107
C5+(L)
6800
-1068
6
COM70
-9375
-1068
57
D15
-1700
-1068
108
C5+(R)
6970
-1068
7
COM71
-9325
-1068
58
VSS(L)
-1472
-1068
109
C5-(L)
7140
-1068
8
COM72
-9275
-1068
59
VSS(C)
-1340
-1068
110
C5-(R)
7310
-1068
9
COM73
-9225
-1068
60
VSS(R)
-1190
-1068
111
C6+(L)
7480
-1068
10
COM74
-9175
-1068
61
CL
-1020
-1068
112
C6+(R)
7650
-1068
11
COM75
-9125
-1068
62
FLM
-850
-1068
113
C6-(L)
7820
-1068
12
COM76
-9075
-1068
63
FR
-680
-1068
114
C6-(R)
7990
-1068
13
COM77
-9025
-1068
64
CLK
-510
-1068
115
VLCD(L)
8160
-1068
14
COM78
-8975
-1068
65
OSC1
-340
-1068
116
VLCD(R)
8330
-1068
15
COM79
-8925
-1068
66
OSC2
-107
-1068
117
VOUT(L)
8500
-1068
16
COMI1
-8875
-1068
67
VSSH(L)
74
-1068
118
VOUT(R)
8670
-1068
17
VSSA(L)
-8670
-1068
68
VSSH(C)
196
-1068
119
COM39
8875
-1068
18
VSSA(C)
-8500
-1068
69
VSSH(R)
318
-1068
120
COM38
8925
-1068
19
VSSA(R)
-8330
-1068
70
VLCD(L)
510
-1068
121
COM37
8975
-1068
20
TEST
-8171
-1068
71
VLCD(R)
680
-1068
122
COM36
9025
-1068
21
VDD(L)
-7990
-1068
72
V1(L)
850
-1068
123
COM35
9075
-1068
22
VDD(C)
-7820
-1068
73
V1(R)
1020
-1068
124
COM34
9125
-1068
23
VDD(R)
-7650
-1068
74
V2(L)
1190
-1068
125
COM33
9175
-1068
24
RES
-7480
-1068
75
V2(R)
1360
-1068
126
COM32
9225
-1068
25
CS
-7310
-1068
76
V3(L)
1530
-1068
127
COM31
9275
-1068
26
RS
-7140
-1068
77
V3(R)
1700
-1068
128
COM30
9325
-1068
27
VSS(L)
-6970
-1068
78
V4(L)
1870
-1068
129
COM29
9375
-1068
28
VSS(C)
-6800
-1068
79
V4(R)
2040
-1068
130
COM28
9425
-1068
29
VSS(R)
-6630
-1068
80
VREG(L)
2210
-1068
131
COM27
9475
-1068
30
M/S
-6448
-1068
81
VREG(R)
2380
-1068
132
COM26
9525
-1068
31
VDDA
-6290
-1068
82
VBA(L)
2550
-1068
133
DMY1(L)
9575
-1068
32
P/S
-6120
-1068
83
VBA(R)
2693
-1068
134
DMY1(R)
9625
-1068
33
SEL68
-5950
-1068
84
VREF
2879
-1068
135
DMY2(L)
9726
-900
34
VSSA(L)
-5780
-1068
85
VEE(L)
3060
-1068
136
DMY2(R)
9726
-850
35
VSSA(C)
-5610
-1068
86
VEE(C)
3230
-1068
137
COM25
9726
-800
36
VSSA(R)
-5440
-1068
87
VEE(R)
3400
-1068
138
COM24
9726
-750
37
WR
-5270
-1068
88
VSSH(L)
3570
-1068
139
COM23
9726
-700
38
RD
-5111
-1068
89
VSSH(C)
3740
-1068
140
COM22
9726
-650
39
VDD(L)
-4930
-1068
90
VSSH(R)
3910
-1068
141
COM21
9726
-600
40
VDD(C)
-4760
-1068
91
C1+(L)
4102
-1068
142
COM20
9726
-550
41
VDD(R)
-4590
-1068
92
C1+(R)
4250
-1068
143
COM19
9726
-500
42
D0/SCL
-4420
-1068
93
C1-(L)
4420
-1068
144
COM18
9726
-450
43
D1/SDA
-4250
-1068
94
C1-(R)
4590
-1068
145
COM17
9726
-400
44
D2/EXCS
-3995
-1068
95
C2+(L)
4760
-1068
146
COM16
9726
-350
45
D3/SMODE
-3740
-1068
96
C2+(R)
4930
-1068
147
COM15
9726
-300
46
D4/SPOL
-3570
-1068
97
C2-(L)
5100
-1068
148
COM14
9726
-250
47
D5
-3400
-1068
98
C2-(R)
5270
-1068
149
COM13
9726
-200
48
D6
-3230
-1068
99
C3+(L)
5440
-1068
150
COM12
9726
-150
49
D7
-3060
-1068
100
C3+(R)
5610
-1068
151
COM11
9726
-100
50
D8
-2890
-1068
101
C3-(L)
5780
-1068
152
COM10
9726
-50
51
D9
-2720
-1068
102
C3-(R)
5950
-1068
153
COM9
9726
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com