Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 73 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 73 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 69Page - Hynix Semiconductor HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor HM17CM256 Datasheet HTML 75Page - Hynix Semiconductor HM17CM256 Datasheet HTML 76Page - Hynix Semiconductor HM17CM256 Datasheet HTML 77Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
HM17CM256
- 73 -
(34-27) Line inversion start address set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
1
0
0
LS3
LS2
LS1
LS0
( reset :{LS3~LS0}=0H, read address :4H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
1
0
1
*
LS6
LS5
LS4
( reset :{LS6~LS4}=0H, read address :5H)
* : “Don’t care”
When the start address of negative display is set on, it is set by this command.
The lower 4 bits of
address should be set first and then upper 3 bits are set later.
The possible range is LS=00H~4FH .
The other values are forbidden.
Please set the value under the condition, LS
≤LE.
(34-28) Line inversion end address set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
1
1
0
LE3
LE2
LE1
LE0
( reset :{LE3~LE0}=0H, read address :6H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
1
1
1
*
LE6
LE5
LE4
( reset :{LE6~LE4}=0H, read address :7H)
* : “Don’t care”
When the end address of negative display is set on, it is set by this command.
The lower 4 bits of
address should be set first and then upper 3 bits are set later.
The possible range is LS=00H~4FH . The other values are forbidden. Please set the value under the
condition, LS
≤LE.
(34-29) Line inversion control
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
1
0
0
0
*
*
BT
LREV
( reset :{PSC, BT, LREV}=0H, read address :8H)
* : “Don’t care”
Setting the status of line inversion display tone.
LREV command : line inversion display ON/OFF setting.
LREV=”0”: normal display
LREV=”1”: line inversion display ON.
The area specified by line inversion start/stop address is
blinked.
The blink type display is controlled by BT command.
When line inversion display is ON(LREV=”1”), line inversion start address(LSi) and line inversion stop
address(LEi) should be set as following condition.
LSi
≤ LEi - (1)
And following condition is forbidden.
LEi < LSi
- (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com