Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 15Page - Hynix Semiconductor HM17CM256 Datasheet HTML 16Page - Hynix Semiconductor HM17CM256 Datasheet HTML 17Page - Hynix Semiconductor HM17CM256 Datasheet HTML 18Page - Hynix Semiconductor HM17CM256 Datasheet HTML 19Page - Hynix Semiconductor HM17CM256 Datasheet HTML 20Page - Hynix Semiconductor HM17CM256 Datasheet HTML 21Page - Hynix Semiconductor HM17CM256 Datasheet HTML 22Page - Hynix Semiconductor HM17CM256 Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
HM17CM256
- 19 -
(6) DDRAM addressing
This IC includes display memory
Bit mapped that is composed of 1024 bit of X direction
(8bit
×128) and 82bit of Y direction.
In gray mode, neighboring 3-bit data or 2-bit data are displayed by segment driver with 8 grays or
4 grays, respectively.
3 outputs of segment driver compose 1 pixel of RGB and 128
×82 pixels are displayed with 256
color (8gray
×8gray×4gray).
Address area of X direction is varied according to accessed data length.
The area of X direction
is 0H~7FH at 8bit access mode and 0H~3FH at 16bit access mode.
•
8BIT access
X-address
0H
1H
7EH
7FH
0 H
8bit
8bit
8bit
8bit
Y-address
51H
8bit
8bit
8bit
8bit
•
16 BIT access
X-address
0H
3FH
0 H
16bit
16bit
Y-address
51H
16bit
16bit
In the Black & white mode, the MSBs of 3 bit and 2 bit corresponding with RGB are used to
display data. And so, 128x82 dot gray display or 384 x 82 B/W mode display is possible.
Display RAM is accessed with X address and Y address from CPU by 8 bit or 16 bit unit.
X address and Y address can be increased automatically by setting status of control register.
The address is increased per every read and write of display RAM by CPU. ( Please see detail
description at command function.)
X direction is selected by X address and Y direction is selected by Y address. Please do not set
the address on non-effective area and it is forbidden to set address on outside area in each case.
384bit display data of Y direction are read out to display latch at rising edge of CL signal per 1 line
cycle and this data comes out from display latch at falling edge of CL signal.
Display start line address register is preset to line counter at “H” state of FLM signal which changes
per one frame cycle and the address is counted up with synchronized CL input.
Display line address counter is synchronized by timing signals of LCD driver, and it operates
independently with X, Y address counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com