Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 74 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 74 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor HM17CM256 Datasheet HTML 75Page - Hynix Semiconductor HM17CM256 Datasheet HTML 76Page - Hynix Semiconductor HM17CM256 Datasheet HTML 77Page - Hynix Semiconductor HM17CM256 Datasheet HTML 78Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
HM17CM256
- 74 -
BT command : inversion timing selection at line inversion display
BT=”0”: Negative tone display in specified area
BT=”1”: The image of specified area is blinked by every 32 frame.
Display example (BT=”1”)
And be cautious that LREV and BT commands have no influence on dummy segment driver circuit.
And the image selected by COMI0, COMI1 is excluded.
HYUNDAI
LCD DRIVER
Low Power and
Low Voltage
HYUNDAI
LCD DRIVER
Low Power and
Low Voltage
Line inversion display example (LREV=”1”,BT=”1”)
(34-30) Dummy segment driver address selection ( Refer to dummy segment drive related description. )
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
1
0
0
1
*
*
*
DMY
( reset :{DMY}=0H, read address :8H) * : “Don’t care”
When data is to be written to dummy segment driver, this register is active (DMY=”1”).
DMY=”0”: normal display RAM access
DMY=”1”: display data access to dummy segment driver
Normal segment drivers acquire display data from display RAM, but dummy segment drivers acquire
display data from corresponding register not from display RAM.
The capacity of register is 4 bytes.
That is correspond to SEGSA0~SEGSA3
SEGSB0~SEGSB3
SEGSC0~SEGSC3 output.
When accessing with DMY = “1”, address setting is valid by only X address.
There is 4 byte capacity,
and so 00H, 01H, 02H, 03H is valid at 8 bits mode and 00H, 01H is valid at 16 bits mode.
There is no
Changes per
every 32 frame.
line inversioin start address
line inversioin end address
Changes per
every 32 frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com