Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 30Page - Hynix Semiconductor HM17CM256 Datasheet HTML 31Page - Hynix Semiconductor HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor HM17CM256 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
HM17CM256
- 34 -
(14)
DISPLAY TIMMING GENERATOR
The display-timing generator makes a timing clock and timing pulses (CL, FLM, FR and CLK) for
internal operation by inputting the original oscillating clock CK or by the oscillating circuit.
By setting up Master / Slave mode (M/S), the state of timing pulse pins and the timing generator
changes.
Display timing pulse pins and generator status
M/S port
mode
CL port
FR port
FLM port CLK port
Timing generator status
L
Slave
Input
Input
Input
Input
CL, FLM, FR signal generator stop
H
Master
Output
Output
Output
Output
Operating status
(15)
SIGNAL GENERATION OF DISPLAY LINE COUNTER, DISPLAY DATA LATCH CIRCUIT.
The latch signal from line counter clock to display data latch circuit is generated from display clock
(CL).
Synchronized with the display clock, the line addresses of Display RAM are generated and
384-bit display data are latched to display-data latching circuit and then output to the LCD drive
circuit (SEG output port).
Read-out of the display data to the LCD drive circuit is completely independent of MPU side and so
MPU can access it with no relationship with the read-out operation of the display data.
(16)
GENERATION OF THE ALTERNATED SIGNAL(FR), SYNCHRONOUS SIGNAL(FLM).
The alternated signal (FR) and synchronous signal (FLM) are generated from the display clock
(CL).
The FLM generates alternated drive waveform to the LCD drive circuit per frame at normal
state ( inverse FR signal level per 1 frame ).
But by setting up data (n-1) on n-line inversion
register and “1” on n-line alternated command (NLIN), n-line inverse waveform can be generated.
When this HM17CM256 is used in multi-chip application, the signals of CL, FLM, FR and CLK
must be sent from master side to slave side.
(17)
DISPLAY DATA LATCH CIRCUIT
This circuit latches the display data from display RAM to LCD driver circuit temporarily per every
common period.
Normal / reverse display, display ON/OFF, and display all on command are done
by controlling data in this latch.
And no data within display RAM changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com