Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor HM17CM256 Datasheet HTML 38Page - Hynix Semiconductor HM17CM256 Datasheet HTML 39Page - Hynix Semiconductor HM17CM256 Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
HM17CM256
- 36 -
(19)
LCD DRIVER CIRCUIT
This drive circuit generates four levels of LCD drive voltage.
The circuit has 384 segment outputs
and 82 common outputs and outputs combined display data and FR signal.
Two of common outputs(COMI0,COMI1) are for pictograph marker display only.
The common
drive circuit that has shift register and outputs common scan signals sequentially.
(20)
DUMMY SEGMENT DRIVER CIRCUIT
Segment driver circuit has 6 dummy output ( SEGSA0 ~ SEGSA3, SEGSB0 ~ SEGSB3, SEGSC0 ~
SEGSC3 ) at each edge side.
Normally, the segment driver output is generated by memorized
RAM data but there are no RAMs but registers for dummy segment driver. There are 8 bit registers
correspond to SEGSA0, SEGSB0, SEGSC0 and drive LCD with same level to Y direction. ( SEGSA1
~ SEGSA3, SEGSB1 ~ SEGSB3, SEGSC1 ~ SEGSC3 are the same function. )
SEGSA0 ~ SEGSA3 port is used same gradation palette with SEGA0 ~ SEGA127, SEGSB0 ~
SEGSB3 with SEGB0 ~ SEGB127 , and SEGSC0 ~ SEGSC3 with SEGC0 ~ SEGC127
This circuit is effective at display of boundary or background display.
The dummy segment
drivers do not depend on LREV polarity but ALLON and REV command for display
There are 4-byte registers for dummy segment driver, SEGSA0 ~ SEGSA3, SEGSB0 ~ SEGSB3,
SEGSC0 ~ SEGSC3, If you want to access this register, please use DMY =”1” command.
68 series
80 series
RS
DMY
R/W
RD
WR
Function
0
0
1
0
1
Read out display data
0
0
0
1
0
Write in display data
0
1
1
0
1
Read out dummy segment register
0
1
0
1
0
Write in dummy segment register
There are the same rules at read out of dummy segment register as display RAM data read out
sequence.
After address setting, the data of assigned address is shown directly after the end of
the read command, so pay attention that assigned data is available at 2nd timing step.
In other
words, there needs 1 cycle dummy read after address set and write cycle.
1 cycle dummy read is necessary for after address setting and write cycle.
When access with DMY=”1”, X address is an effective value at address setting.
There are 4-byte
and so 00H, 01H, 02H, 03H are effective at 8-bit mode and 00H, 01H are effective at 16-bit mode.
The access bears no relation to Y address setting.
When access with DMY=”1”, it is possible that the data is written into register by increment
operation.
notice) more detail information at
DUMMY SEGMENT REGISTER ADDRESS AND BITMAP
in
(10) Relation
between Display RAM and address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com