Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 45 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 45 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 41Page - Hynix Semiconductor HM17CM256 Datasheet HTML 42Page - Hynix Semiconductor HM17CM256 Datasheet HTML 43Page - Hynix Semiconductor HM17CM256 Datasheet HTML 44Page - Hynix Semiconductor HM17CM256 Datasheet HTML 45Page - Hynix Semiconductor HM17CM256 Datasheet HTML 46Page - Hynix Semiconductor HM17CM256 Datasheet HTML 47Page - Hynix Semiconductor HM17CM256 Datasheet HTML 48Page - Hynix Semiconductor HM17CM256 Datasheet HTML 49Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
HM17CM256
- 45 -
(31) SUPPLYING POWER AND ON/OFF SEQUENCE
Special care should be taken to the next notice. Supplying the power at LCD driving voltage
terminal when the logic VDD is floating can cause over-current and damage the IC
(31-1) WHEN USING EXTERNAL POWER SUPPLY
power ON sequence
Reset the IC after supplying the logic power at VDD terminal, and then turn on the LCD driving
voltage at the terminals (VLCD, V1, V2, V3, V4).
And when internal voltage converter is used, reset the IC after supplying the logic power at
VDD terminal, and then supply power to VLCD terminal.
power OFF sequence
Execute HALT command or reset the IC to turn off the outputs of LCD driving output port, and
then turn off the LCD driving voltage after logic power OFF.
Inserting series resistor of 50 ~100
Ω or fuse at V
LCD or VOUT terminal (when only internal
voltage converting circuit is used) is recommended to prevent over-current.
This series resistor should be selected carefully because image quality can be dependent on.
(31-2) WHEN USING BUILT-IN POWER SUPPLY CIRCUIT
power ON sequence
Reset the IC after supplying the logic power at VDD terminal or after supplying power through
voltage common port (VEE) of boosting voltage generation and then operate internal power
circuit by command.
And when internal voltage converter is used, reset the IC after supplying the logic power at
VDD terminal, and then supply power to VLCD terminal.
You should turn on the display after the output level of internal power module is set.
If you do not keep this sequence, LCD can display wrong data.
power OFF sequence
To make off state of LCD driving output, cut the source to voltage common port (VEE) of
boosting voltage generation, the logic power at VDD terminal after reset the IC by HALT
command.
If VEE, and VDD are supplied from different power source, VEE terminal should be turned on/off
during VDD terminal voltage maintain voltage level specified in specification sheet.
Specially, when turn off the power, after cut the source to voltage common port (VEE), and then
turn off the logic power at VDD terminal after the voltage levels of VEE, VOUT, VLCD, V1~V4 become
under LCD on voltage(LCD threshold voltage)level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com