Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HM17CM256 Datasheet HTML 1Page - Hynix Semiconductor HM17CM256 Datasheet HTML 2Page - Hynix Semiconductor HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
HM17CM256
- 5 -
s PAD coordiantes 2
chip size 19840
µm x 2480µm ( chip center : 0µm x 0µm )
PAD
No.
Pin name
X(
µm) Y(µm) PAD
No.
Pin name
X (
µm) Y (µm) PAD
No.
Pin name
X (
µm) Y (µm)
154
COM8
9726
50
205
SEGB10
8025
1068
256
SEGB27
5475
1068
155
COM7
9726
100
206
SEGC10
7975
1068
257
SEGC27
5425
1068
156
COM6
9726
150
207
SEGA11
7925
1068
258
SEGA28
5375
1068
157
COM5
9726
200
208
SEGB11
7875
1068
259
SEGB28
5325
1068
158
COM4
9726
250
209
SEGC11
7825
1068
260
SEGC28
5275
1068
159
COM3
9726
300
210
SEGA12
7775
1068
261
SEGA29
5225
1068
160
COM2
9726
350
211
SEGB12
7725
1068
262
SEGB29
5175
1068
161
COM1
9726
400
212
SEGC12
7675
1068
263
SEGC29
5125
1068
162
COM0
9726
450
213
SEGA13
7625
1068
264
SEGA30
5075
1068
163
COMI0
9726
500
214
SEGB13
7575
1068
265
SEGB30
5025
1068
164
SEGSA0
9726
550
215
SEGC13
7525
1068
266
SEGC30
4975
1068
165
SEGSB0
9726
600
216
SEGA14
7475
1068
267
SEGA31
4925
1068
166
SEGSC0
9726
650
217
SEGB14
7425
1068
268
SEGB31
4875
1068
167
SEGSA1
9726
700
218
SEGC14
7375
1068
269
SEGC31
4825
1068
168
SEGSB1
9726
750
219
SEGA15
7325
1068
270
SEGA32
4775
1068
169
SEGSC1
9726
800
220
SEGB15
7275
1068
271
SEGB32
4725
1068
170
DMY3(L)
9726
850
221
SEGC15
7225
1068
272
SEGC32
4675
1068
171
DMY3(R)
9726
900
222
SEGA16
7175
1068
273
SEGA33
4625
1068
172
DMY4(L)
9675
1068
223
SEGB16
7125
1068
274
SEGB33
4575
1068
173
DMY4(R)
9625
1068
224
SEGC16
7075
1068
275
SEGC33
4525
1068
174
SEGA0
9575
1068
225
SEGA17
7025
1068
276
SEGA34
4475
1068
175
SEGB0
9525
1068
226
SEGB17
6975
1068
277
SEGB34
4425
1068
176
SEGC0
9475
1068
227
SEGC17
6925
1068
278
SEGC34
4375
1068
177
SEGA1
9425
1068
228
SEGA18
6875
1068
279
SEGA35
4325
1068
178
SEGB1
9375
1068
229
SEGB18
6825
1068
280
SEGB35
4275
1068
179
SEGC1
9325
1068
230
SEGC18
6775
1068
281
SEGC35
4225
1068
180
SEGA2
9275
1068
231
SEGA19
6725
1068
282
SEGA36
4175
1068
181
SEGB2
9225
1068
232
SEGB19
6675
1068
283
SEGB36
4125
1068
182
SEGC2
9175
1068
233
SEGC19
6625
1068
284
SEGC36
4075
1068
183
SEGA3
9125
1068
234
SEGA20
6575
1068
285
SEGA37
4025
1068
184
SEGB3
9075
1068
235
SEGB20
6525
1068
286
SEGB37
3975
1068
185
SEGC3
9025
1068
236
SEGC20
6475
1068
287
SEGC37
3925
1068
186
SEGA4
8975
1068
237
SEGA21
6425
1068
288
SEGA38
3875
1068
187
SEGB4
8925
1068
238
SEGB21
6375
1068
289
SEGB38
3825
1068
188
SEGC4
8875
1068
239
SEGC21
6325
1068
290
SEGC38
3775
1068
189
SEGA5
8825
1068
240
SEGA22
6275
1068
291
SEGA39
3725
1068
190
SEGB5
8775
1068
241
SEGB22
6225
1068
292
SEGB39
3675
1068
191
SEGC5
8725
1068
242
SEGC22
6175
1068
293
SEGC39
3625
1068
192
SEGA6
8675
1068
243
SEGA23
6125
1068
294
SEGA40
3575
1068
193
SEGB6
8625
1068
244
SEGB23
6075
1068
295
SEGB40
3525
1068
194
SEGC6
8575
1068
245
SEGC23
6025
1068
296
SEGC40
3475
1068
195
SEGA7
8525
1068
246
SEGA24
5975
1068
297
SEGA41
3425
1068
196
SEGB7
8475
1068
247
SEGB24
5925
1068
298
SEGB41
3375
1068
197
SEGC7
8425
1068
248
SEGC24
5875
1068
299
SEGC41
3325
1068
198
SEGA8
8375
1068
249
SEGA25
5825
1068
300
SEGA42
3275
1068
199
SEGB8
8325
1068
250
SEGB25
5775
1068
301
SEGB42
3225
1068
200
SEGC8
8275
1068
251
SEGC25
5725
1068
302
SEGC42
3175
1068
201
SEGA9
8225
1068
252
SEGA26
5675
1068
303
SEGA43
3125
1068
202
SEGB9
8175
1068
253
SEGB26
5625
1068
304
SEGB43
3075
1068
203
SEGC9
8125
1068
254
SEGC26
5575
1068
305
SEGC43
3025
1068
204
SEGA10
8075
1068
255
SEGA27
5525
1068
306
SEGA44
2975
1068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com