Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 72 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 72 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 68Page - Hynix Semiconductor HM17CM256 Datasheet HTML 69Page - Hynix Semiconductor HM17CM256 Datasheet HTML 70Page - Hynix Semiconductor HM17CM256 Datasheet HTML 71Page - Hynix Semiconductor HM17CM256 Datasheet HTML 72Page - Hynix Semiconductor HM17CM256 Datasheet HTML 73Page - Hynix Semiconductor HM17CM256 Datasheet HTML 74Page - Hynix Semiconductor HM17CM256 Datasheet HTML 75Page - Hynix Semiconductor HM17CM256 Datasheet HTML 76Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
HM17CM256
- 72 -
(34-23)Set read address of internal register
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
0
1
1
0
0
RA3
RA2
RA1
RA0
( reset :{RA3, RA2, RA1, RA0}=BH)
Before executing the internal register data read command the address of register should be specified
first.
For example, when display control (1) is being read out, { RA3, RA2, RA1, RA0 } = 8H should be
specified first.
Because selected register is corresponded with RE flag, please set RE flag first and then read out the
register.
Refer to the command function description and the lists of commands for the address of each register.
(34-24) Internal register data read
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0/1
0/1
0/1
*
*
*
*
Internal register data read
* : “Don’t care”
This command is used to read out internal register data.
Before executing this command, RE flag and
the address for internal register to read should be set first.
(34-25) Window end X address set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
0
0
0
EX3
EX2
EX1
EX0
( reset :{EX3~EX0}=0H, read address :0H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
0
0
1
*
EX6
EX5
EX4
( reset :{EX6~EX4}=0H, read address :1H)
* : “Don’t care”
When the window area of RAM is specified(WIN=“1”) to access, the end X address of the window is set
by this command.
The lower 4 bits of address should be set first and then upper 3 bits are set later
(34-26) Window end Y address set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
0
1
0
EY3
EY2
EY1
EY0
( reset :{EY3~EY0}=0H, read address :2H)
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
1
0
1
0
0
1
1
*
EY6
EY5
EY4
( reset :{EY6~EY4}=0H, read address :3H)
* : “Don’t care”
When window area of RAM is specified(WIN=“1”) to access , the end Y address of the window is set by
this command.
The lower 4 bits of address should be set first and then upper 3 bits are set later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com