Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HM17CM256 Datasheet HTML 1Page - Hynix Semiconductor HM17CM256 Datasheet HTML 2Page - Hynix Semiconductor HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
HM17CM256
- 2 -
PAD LAYOUT
note 1) The (L) (R) (C) mark after port name is internally shorted.
note 2) DMYport is opened electrically.
chip center
:
X= 0
µµm, Y= 0µµm
chip size
:
with scribe lane : 19.84mm x 2.48mm ,
main chip : 19.74mm x 2.38mm
chip thickness
:
625
µµm ±± 25µµm
bump size
:
100
µµm x 32µµm, 100µµm x 80µµm
bump pitch
:
50
µµm(Min)
bump height
:
18
±± 3µµm
bump material
:
Au
align mark appearance and size
a : 30
µµm
b : 6
µµm
c : 120
µµm
d : 27
µµm
coordinates of align marks
(X= - 9732
µµm, Y= -1052µµm)
(X=
9732
µµm, Y= -1052µµm)
a
a
c
c
b
b
d
d
1
COM40
SEGSC3
SEGSA2
DMY6(R)
DMY6(L)
DMY7(R)
DMY7(L)
COM66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com