Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 2Page - Hynix Semiconductor HM17CM256 Datasheet HTML 3Page - Hynix Semiconductor HM17CM256 Datasheet HTML 4Page - Hynix Semiconductor HM17CM256 Datasheet HTML 5Page - Hynix Semiconductor HM17CM256 Datasheet HTML 6Page - Hynix Semiconductor HM17CM256 Datasheet HTML 7Page - Hynix Semiconductor HM17CM256 Datasheet HTML 8Page - Hynix Semiconductor HM17CM256 Datasheet HTML 9Page - Hynix Semiconductor HM17CM256 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
HM17CM256
- 6 -
PAD coordinates 3
chip size 19840
µm x 2480µm (chip center : 0µm x 0µm )
PAD
No.
Pin name
X(
µm) Y(µm) PAD
No.
Pin name
X (
µm) Y (µm) PAD
No.
Pin name
X (
µm) Y (µm)
307
SEGB44
2925
1068
358
SEGB61
375
1068
409
SEGB78
-2175
1068
308
SEGC44
2875
1068
359
SEGC61
325
1068
410
SEGC78
-2225
1068
309
SEGA45
2825
1068
360
SEGA62
275
1068
411
SEGA79
-2275
1068
310
SEGB45
2775
1068
361
SEGB62
225
1068
412
SEGB79
-2325
1068
311
SEGC45
2725
1068
362
SEGC62
175
1068
413
SEGC79
-2375
1068
312
SEGA46
2675
1068
363
SEGA63
125
1068
414
SEGA80
-2425
1068
313
SEGB46
2625
1068
364
SEGB63
75
1068
415
SEGB80
-2475
1068
314
SEGC46
2575
1068
365
SEGC63
25
1068
416
SEGC80
-2525
1068
315
SEGA47
2525
1068
366
SEGA64
-25
1068
417
SEGA81
-2575
1068
316
SEGB47
2475
1068
367
SEGB64
-75
1068
418
SEGB81
-2625
1068
317
SEGC47
2425
1068
368
SEGC64
-125
1068
419
SEGC81
-2675
1068
318
SEGA48
2375
1068
369
SEGA65
-175
1068
420
SEGA82
-2725
1068
319
SEGB48
2325
1068
370
SEGB65
-225
1068
421
SEGB82
-2775
1068
320
SEGC 48
2275
1068
371
SEGC65
-275
1068
422
SEGC82
-2825
1068
321
SEGA49
2225
1068
372
SEGA66
-325
1068
423
SEGA83
-2875
1068
322
SEGB49
2175
1068
373
SEGB66
-375
1068
424
SEGB83
-2925
1068
323
SEGC49
2125
1068
374
SEGC66
-425
1068
425
SEGC83
-2975
1068
324
SEGA50
2075
1068
375
SEGA67
-475
1068
426
SEGA84
-3025
1068
325
SEGB50
2025
1068
376
SEGB67
-525
1068
427
SEGB84
-3075
1068
326
SEGC50
1975
1068
377
SEGC67
-575
1068
428
SEGC84
-3125
1068
327
SEGA51
1925
1068
378
SEGA68
-625
1068
429
SEGA85
-3175
1068
328
SEGB51
1875
1068
379
SEGB68
-675
1068
430
SEGB85
-3225
1068
329
SEGC51
1825
1068
380
SEGC68
-725
1068
431
SEGC85
-3275
1068
330
SEGA52
1775
1068
381
SEGA69
-775
1068
432
SEGA86
-3325
1068
331
SEGB52
1725
1068
382
SEGB69
-825
1068
433
SEGB86
-3375
1068
332
SEGC52
1675
1068
383
SEGC69
-875
1068
434
SEGC86
-3425
1068
333
SEGA53
1625
1068
384
SEGA70
-925
1068
435
SEGA87
-3475
1068
334
SEGB53
1575
1068
385
SEGB70
-975
1068
436
SEGB87
-3525
1068
335
SEGC53
1525
1068
386
SEGC70
-1025
1068
437
SEGC87
-3575
1068
336
SEGA54
1475
1068
387
SEGA71
-1075
1068
438
SEGA88
-3625
1068
337
SEGB54
1425
1068
388
SEGB71
-1125
1068
439
SEGB88
-3675
1068
338
SEGC54
1375
1068
389
SEGC71
-1175
1068
440
SEGC88
-3725
1068
339
SEGA55
1325
1068
390
SEGA72
-1225
1068
441
SEGA89
-3775
1068
340
SEGB55
1275
1068
391
SEGB72
-1275
1068
442
SEGB89
-3825
1068
341
SEGC55
1225
1068
392
SEGC72
-1325
1068
443
SEGC89
-3875
1068
342
SEGA56
1175
1068
393
SEGA73
-1375
1068
444
SEGA90
-3925
1068
343
SEGB56
1125
1068
394
SEGB73
-1425
1068
445
SEGB90
-3975
1068
344
SEGC56
1075
1068
395
SEGC73
-1475
1068
446
SEGC90
-4025
1068
345
SEGA57
1025
1068
396
SEGA74
-1525
1068
447
SEGA91
-4075
1068
346
SEGB57
975
1068
397
SEGB74
-1575
1068
448
SEGB91
-4125
1068
347
SEGC57
925
1068
398
SEGC74
-1625
1068
449
SEGC91
-4175
1068
348
SEGA58
875
1068
399
SEGA75
-1675
1068
450
SEGA92
-4225
1068
349
SEGB58
825
1068
400
SEGB75
-1725
1068
451
SEGB92
-4275
1068
350
SEGC58
775
1068
401
SEGC75
-1775
1068
452
SEGC92
-4325
1068
351
SEGA59
725
1068
402
SEGA76
-1825
1068
453
SEGA93
-4375
1068
352
SEGB59
675
1068
403
SEGB76
-1875
1068
454
SEGB93
-4425
1068
353
SEGC59
625
1068
404
SEGC76
-1925
1068
455
SEGC93
-4475
1068
354
SEGA60
575
1068
405
SEGA77
-1975
1068
456
SEGA94
-4525
1068
355
SEGB60
525
1068
406
SEGB77
-2025
1068
457
SEGB94
-4575
1068
356
SEGC60
475
1068
407
SEGC77
-2075
1068
458
SEGC94
-4625
1068
357
SEGA61
425
1068
408
SEGA78
-2125
1068
459
SEGA95
-4675
1068



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com