Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 93Page - Hynix Semiconductor HM17CM256 Datasheet HTML 94Page - Hynix Semiconductor HM17CM256 Datasheet HTML 95Page - Hynix Semiconductor HM17CM256 Datasheet HTML 96Page - Hynix Semiconductor HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor HM17CM256 Datasheet HTML 98Page - Hynix Semiconductor HM17CM256 Datasheet HTML 99Page - Hynix Semiconductor HM17CM256 Datasheet HTML 100Page - Hynix Semiconductor HM17CM256 Datasheet HTML 101Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
HM17CM256
- 97 -
s AC CHARACTERISTICS
•
SYSTEM BUS READ / WRITE TIMING (80 series CPU interface)
(write timing)
(VDD=2.7
∼3.3V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
Address hold timing
Address setup timing
tAH8
tAS8
TBD
TBD
ns
ns
CS
RS
System cycle timing
Write ”L” pulse width
Write ”H” pulse width
tCYC8
tWRLW8
tWRHW8
TBD
TBD
TBD
ns
ns
ns
WR
Data setup timing
Data hold timing
tDS8
tDH8
TBD
TBD
ns
ns
D0
∼ D
15
(VDD=2.4
∼2.7V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
Address hold timing
Address setup timing
tAH8
tAS8
TBD
TBD
ns
ns
CS
RS
System cycle timing
Write ”L” pulse width
Write ”H” pulse width
tCYC8
tWRLW8
tWRHW8
TBD
TBD
TBD
ns
ns
ns
WR
Data setup timing
Data hold timing
tDS8
tDH8
TBD
TBD
ns
ns
D0
∼ D
15
(VDD=1.7
∼2.4V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
Address hold timing
Address setup timing
tAH8
tAS8
TBD
TBD
ns
ns
CS
RS
System cycle timing
Write ”L” pulse width
Write ”H” pulse width
tCYC8
tWRLW8
tWRHW8
TBD
TBD
TBD
ns
ns
ns
WR
Data setup timing
Data hold timing
tDS8
tDH8
TBD
TBD
ns
ns
D0
∼ D
15
notice)
All timing reference is 20% and 80% of VDD and 80%.
tCYC8
tAS8
CS
WR
RS
D0
∼ D
15
tAH8
tWRLW8
tWRHW8
tDS8
tDH8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com