Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 101 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 101 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 97Page - Hynix Semiconductor HM17CM256 Datasheet HTML 98Page - Hynix Semiconductor HM17CM256 Datasheet HTML 99Page - Hynix Semiconductor HM17CM256 Datasheet HTML 100Page - Hynix Semiconductor HM17CM256 Datasheet HTML 101Page - Hynix Semiconductor HM17CM256 Datasheet HTML 102Page - Hynix Semiconductor HM17CM256 Datasheet HTML 103Page - Hynix Semiconductor HM17CM256 Datasheet HTML 104Page - Hynix Semiconductor HM17CM256 Datasheet HTML 105Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 111 page
background image
HM17CM256
- 101
-
•
SERIAL INTERFACE TIMING
(VDD=2.7
∼3.3V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
Serial clock cycle
SCL ”H” pulse width
SCL ”L” pulse width
tCYCS
tSHW
tSLW
TBD
TBD
TBD
ns
ns
ns
SCL
Address setup timing
Address hold timing
tASS
tAHS
TBD
TBD
ns
ns
RS
Data setup timing
Data hold timing
tDSS
tDHS
TBD
TBD
ns
ns
SDA
CS – SCL timing
CS hold timing
tCSS
tCSH
TBD
TBD
ns
ns
(VDD=2.4
∼2.7V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
Serial clock cycle
SCL ”H” pulse width
SCL ”L” pulse width
tCYCS
tSHW
tSLW
TBD
TBD
TBD
ns
ns
ns
SCL
Address setup timing
Address hold timing
tASS
tAHS
TBD
TBD
ns
ns
RS
Data setup timing
Data hold timing
tDSS
tDHS
TBD
TBD
ns
ns
SDA
CS – SCL timing
CS hold timing
tCSS
tCSH
TBD
TBD
ns
ns
notice)
All timing reference is 20% and 80% of VDD and 80%.
CS
tCSS
CS
RS
tCSH
SDA
tSLW
tSHW
tDSS
tDHS
tCYCS
SCL
tAHS
tASS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com