Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 103 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 103 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 99Page - Hynix Semiconductor HM17CM256 Datasheet HTML 100Page - Hynix Semiconductor HM17CM256 Datasheet HTML 101Page - Hynix Semiconductor HM17CM256 Datasheet HTML 102Page - Hynix Semiconductor HM17CM256 Datasheet HTML 103Page - Hynix Semiconductor HM17CM256 Datasheet HTML 104Page - Hynix Semiconductor HM17CM256 Datasheet HTML 105Page - Hynix Semiconductor HM17CM256 Datasheet HTML 106Page - Hynix Semiconductor HM17CM256 Datasheet HTML 107Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 111 page
background image
HM17CM256
- 103
-
•
DISPLAY CONTROL TIMING
INPUT TIMING ( slave mode )
(VDD=2.4
∼3.3V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
CL ”H”
pulse width
CL ”L”
pulse width
tCLHW
tCLLW
80
80
µs
µs
CL
FLM
delay time
tDFLM
-1.0
1.0
µs
FLM
FR
delay time
tFR
-1.0
1.0
µs
FR
INPUT TIMING ( slave mode )
(VDD=1.7
∼2.4V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
CL ”H”
pulse width
CL ”L”
pulse width
tCLHW
tCLLW
80
80
µs
µs
CL
FLM
delay time
tDFLM
-1.0
1.0
µs
FLM
FR
delay time
tFR
-1.0
1.0
µs
CL
OUTPUT TIMING ( master mode )
(VDD=2.4
∼3.3V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
FLM delay time
tDFLM
CL=15pF
10
500
ns
FLM
FR
delay time
tFR
10
500
ns
FR
OUTPUT TIMING ( master mode )
(VDD=1.7
∼2.4V, Ta=-30∼+85°C)
ITEM
SYMBOL
CONDITION
MIN.
MAX.
UNIT
PORT
FLM delay time
tDFLM
CL=15pF
10
1000
ns
FLM
FR
delay time
tFR
10
1000
ns
FR
notice)
All timing reference is 20% and 80% of VDD and 80%.
CL
tCLLW
FR
tDFLM
tDM
FLM
tDFLM
tCLHW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com