Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor HM17CM256 Datasheet HTML 38Page - Hynix Semiconductor HM17CM256 Datasheet HTML 39Page - Hynix Semiconductor HM17CM256 Datasheet HTML 40Page - Hynix Semiconductor HM17CM256 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
HM17CM256
- 37 -
ACCESS WITH 8 BIT BUS EXAMPLE : GRAY MODE , ACCESS UNDER (REF, SWAP)=(0, 0)
(21) OSCILLATOR CIRCUIT
HM17CM256 has the CR oscillator. The output of oscillator is used as the timing signal source of
display and boosting clock to the booster. This is valid only in the master operation mode.
When in the master operation mode and if external clock is used, feed the clock to OSC1 pin or
connect resistor between OSC1 and OSC2.
And feedback resistance with command can set the inner oscillator circuit of HM17CM256.
The frame frequency can be altered by changed oscillator frequency according to feedback
resistance length set value. To get optimum frame frequency, please check LCD and then set the
frequency of oscillator.
(22) POWER SUPPLY CIRCUIT
Gradation
palette
GLSB circuit
Gradation control circuit
Latched data
SEGSA0
SEGSB0
Palette Aj
Palette Bj
0
0
1
0
0
SEGSC0
Palette Cj
1
1
1
MSB
LSB
MSB
LSB
MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
0
j=0~7
CPU access data
X address :00H
Gradation palette
Gradation control circuit
SEGSA3
SEGSB3
Palette Aj
Palette Bj
0
0
1
0
0
SEGSC3
Palette Cj
1
1
1
MSB
LSB
MSB
LSB
MSB
0
0
1
0
0
1
1
1
D0
D1
D2
D3
D4
D5
D6
D7
0
GLSB circuit
j=0~7
CPU access data
Latched data
X address :03H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com