Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor HM17CM256 Datasheet HTML 57Page - Hynix Semiconductor HM17CM256 Datasheet HTML 58Page - Hynix Semiconductor HM17CM256 Datasheet HTML 59Page - Hynix Semiconductor HM17CM256 Datasheet HTML 60Page - Hynix Semiconductor HM17CM256 Datasheet HTML 61Page - Hynix Semiconductor HM17CM256 Datasheet HTML 62Page - Hynix Semiconductor HM17CM256 Datasheet HTML 63Page - Hynix Semiconductor HM17CM256 Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 111 page
background image
HM17CM256
- 60 -
(34-10) Power control register set
CS
RS
RD
WR
RE2
RE1
RE0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
0
0
0
0
1
0
1
1
AMPON
HALT
DCON
ACL
( reset :{AMPON, HALT, DCON, ACL}=0H
read address :BH )
a) ACL command
This command initializes internal circuit and it is valid only at master operating.
ACL=”0”: normal state
ACL=”1”: initialization ON
Just after the execution of ACL command (ACL=”1”), D0 bit is set to 1.
But as the initialization process
goes on internally, D0 is reset to “0”.
When ACL command is executed, internal reset signal is produced by using local display clock ( clock
from internal oscillator or from external resistor oscillation mode ).
So, after ACL command is executed, it needs to WAIT at least 2 period of the clock for next process
beginning.
ACL command is effective only at master mode operation because it uses original oscillator clock.
It is prohibited for slave mode operation to use the internal oscillator or external oscillator.
So, ACL command is impossible at slave mode.
Please reset the slave device at RES terminal, when
needed.
b) DCON command
ON/OFF the internal voltage boosting circuit.
DCON=”0”:
boosting circuit OFF
DCON=”1”:
boosting circuit ON
c) HALT command
Power save mode ON/OFF control
HALT=”0”:
normal state
HALT=”1”:
power save state
The power consumption is decreased near static current at power save mode.
States of each sub-block in power save mode are as follow.
• Oscillator, built-in power supply block stop.
• Stop driving LCD panel, segment drive, the outputs of common driver are all set to V
SS level.
• Clock input from OSC
1 port is disabled.
• Display RAM data are conserved.
• Operational modes are preserved as those before power save command was executed.
• V
LCD, V1 ~ V4 become high impedance state.
Make display OFF state before power save mode by HALT command.
And when returning from power save mode, you should display ON after oscillator, power circuit is
activated stably.
After display OFF and HALT command, if the display is turned ON before oscillator and power circuit is
not activated stably, wrong display can be appeared.
d) AMPON command
ON/OFF the internal OP. amplifier circuit of power block (voltage regulator block, electric volume,
voltage converting circuit ).
AMPON=”0”:
internal power circuit OP. Amplifier OFF
AMPON=”1”:
internal power circuit OP. Amplifier ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com