Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 48Page - Hynix Semiconductor HM17CM256 Datasheet HTML 49Page - Hynix Semiconductor HM17CM256 Datasheet HTML 50Page - Hynix Semiconductor HM17CM256 Datasheet HTML 51Page - Hynix Semiconductor HM17CM256 Datasheet HTML 52Page - Hynix Semiconductor HM17CM256 Datasheet HTML 53Page - Hynix Semiconductor HM17CM256 Datasheet HTML 54Page - Hynix Semiconductor HM17CM256 Datasheet HTML 55Page - Hynix Semiconductor HM17CM256 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
HM17CM256
- 52 -
INSTRUCTION TABLE (5)
CODE (80 series I/F)
CODE
INSTRUCTION
CS
RS
RD WR RE2 RE1 RE0 D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
Gradation palette C5 set
(lower)
[0H]
0
1
1
0
1
0
0
0
0
0
0 PC53 PC52PC51 PC50
Set value to gradation palette
C5
Gradation palette C5 set
(upper)
[1H]
0
1
1
0
1
0
0
0
0
0
1
*
*
* PC54
Set value to gradation palette
C5
Gradation palette C6 set
(lower)
[2H]
0
1
1
0
1
0
0
0
0
1
0 PC63 PC62PC61 PC60
Set value to gradation palette
C6
Gradation palette C6 set
(upper)
[3H]
0
1
1
0
1
0
0
0
0
1
1
*
*
* PC64
Set value to gradation palette
C6
Gradation palette C7 set
(lower)
[4H]
0
1
1
0
1
0
0
0
1
0
0 PC73 PC72PC71 PC70
Set value to gradation palette
C7
Gradation palette C7 set
(upper)
[5H]
0
1
1
0
1
0
0
0
1
0
1
*
*
* PC74
Set value to gradation palette
C7
Display start command
set
[6H]
0
1
1
0
1
0
0
0
1
1
0
*
SC2 SC1 SC0
Common drive scan start line
set
Serial extension CS
control
[7H]
0
1
1
0
1
0
0
0
1
1
1
*
*
*
EX
CS
Serial I/F, extension CS port
(EXCS) control
Display selection
control
[8H]
0
1
1
0
1
0
0
1
0
0
0
PW
M
GL
SB
*
*
Gradation display set
RAM data length set
[9H]
0
1
1
0
1
0
0
1
0
0
1
*
* CKS
WL
S
RAM access data length set
8 bit/16 bit selection
Electric volume
control
(lower)
[AH]
0
1
1
0
1
0
0
1
0
1
0
DV3 DV2 DV1 DV0
Electric volume level set
(lower bit)
Electric volume
control
(upper)
[BH]
0
1
1
0
1
0
0
1
0
1
1
*
DV6 DV5 DV4
Electric volume level set
(upper bit)
Oscillator Rf control
[DH]
0
1
1
0
1
0
0
1
1
0
1
FFL RF2 RF1 RF0
RF: oscillator feed back resistor set
FFL: oscillator frequency control
discharge
[EH]
0
1
1
0
1
0
0
1
1
1
0
*
*
*
DIS
VLCD,
V1~V4
capacitor
discharge
RE register set
[FH]
0
1
1
0
0/1 0/1 0/1
1
1
1
1 TST0 RE2 RE1 RE0 RE flag set
Internal register read
address set
[CH]
0
1
1
0
1
0
0
1
1
0
0
Register read
address
Internal
register
read
out
address set
Internal register read
0
1
0
1
0/1 0/1 0/1
*
*
*
*
Read Data
Internal register read out
Notice 1) * mark is Don’t Care
Notice 2) [
] The inner side number is an address for internal register read.
Notice 3) The commands that upper/lower register settings are demanded are effective at the point of commands input.
But electric volume is effective after upper and lower register setting.
Notice 4) CKS=0: internal oscillation mode
CKS=1: external oscillation mode
Default CSK=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com