Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM17CM256 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HM17CM256
Description  128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM17CM256 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HM17CM256 Datasheet HTML 29Page - Hynix Semiconductor HM17CM256 Datasheet HTML 30Page - Hynix Semiconductor HM17CM256 Datasheet HTML 31Page - Hynix Semiconductor HM17CM256 Datasheet HTML 32Page - Hynix Semiconductor HM17CM256 Datasheet HTML 33Page - Hynix Semiconductor HM17CM256 Datasheet HTML 34Page - Hynix Semiconductor HM17CM256 Datasheet HTML 35Page - Hynix Semiconductor HM17CM256 Datasheet HTML 36Page - Hynix Semiconductor HM17CM256 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
HM17CM256
- 33 -
GRADATION PALETTE INITIAL VALUE
( palette Aj, palette Bj, palette Cj (j=0~7) )
(MSB)RAM data (LSB)
Register name
Initial value
0
0
0
Gradation palette 0
0 0 0 0 0
0
0
1
Gradation palette 1
0 0 1 0 1
0
1
0
Gradation palette 2
0 1 0 1 0
0
1
1
Gradation palette 3
0 1 1 1 0
1
0
0
Gradation palette 4
1 0 0 0 1
1
0
1
Gradation palette 5
1 0 1 0 1
1
1
0
Gradation palette 6
1 1 0 1 0
1
1
1
Gradation palette 7
1 1 1 1 1
GRADATION PALETTE TABLE (PWM=”0”, variable mode)
( palette Aj, palette Bj, palette Cj (j=0~7) )
Palette
Gradation
remark
Palette
gradation
remark
0 0 0 0 0
0
Palette 0 initial value
1 0 0 0 0
16/31
0 0 0 0 1
1/31
1 0 0 0 1
17/31
Palette 4 initial value
0 0 0 1 0
2/31
1 0 0 1 0
18/31
0 0 0 1 1
3/31
1 0 0 1 1
19/31
0 0 1 0 0
4/31
1 0 1 0 0
20/31
0 0 1 0 1
5/31
Palette 1 initial value
1 0 1 0 1
21/31
Palette 5 initial value
0 0 1 1 0
6/31
1 0 1 1 0
22/31
0 0 1 1 1
7/31
1 0 1 1 1
23/31
0 1 0 0 0
8/31
1 1 0 0 0
24/31
0 1 0 0 1
9/31
1 1 0 0 1
25/31
0 1 0 1 0
10/31
Palette 2 initial value
1 1 0 1 0
26/31
Palette 6 initial value
0 1 0 1 1
11/31
1 1 0 1 1
27/31
0 1 1 0 0
12/31
1 1 1 0 0
28/31
0 1 1 0 1
13/31
1 1 1 0 1
29/31
0 1 1 1 0
14/31
Palette 3 initial value
1 1 1 1 0
30/31
0 1 1 1 1
15/31
1 1 1 1 1
31/31
Palette 7 initial value
GRADATION PALETTE TABLE (PWM=”1”, fixed mode)
(MSB)RAM data(LSB)
gradation
RAM data
GLSB
gradation
0
0
0
0
0
0
0
0
0
1
1/7
0
0
1
0
0
1
0
2/7
0
1
0
2/7
0
1
1
3/7
0
1
1
3/7
1
0
0
4/7
1
0
0
4/7
1
0
1
5/7
1
0
1
5/7
1
1
0
6/7
1
1
0
1
1
1
7/7
1
1
1
7/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com