Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 31 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 27Page - Analog Devices ADV7341_15 Datasheet HTML 28Page - Analog Devices ADV7341_15 Datasheet HTML 29Page - Analog Devices ADV7341_15 Datasheet HTML 30Page - Analog Devices ADV7341_15 Datasheet HTML 31Page - Analog Devices ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 31 of 108
REGISTER MAP ACCESS
A microprocessor can read from or write to all registers of the
ADV7340/ADV7341 via the MPU port, except for registers that
are specified as read-only or write-only registers.
The subaddress register determines which register the next
read or write operation accesses. All communication through
the MPU port starts with an access to the subaddress register.
A read/write operation is then performed from/to the target
address, which increments to the next address until the
transaction is complete.
REGISTER PROGRAMMING
Table 17 to Table 35 describe the functionality of each register.
All registers can be read from as well as written to, unless
otherwise stated.
SUBADDRESS REGISTER (SR7 TO SR0)
The subaddress register is an 8-bit write-only register. After the
MPU port is accessed and a read/write operation is selected, the
subaddress is set up. The subaddress register determines to or
from which register the operation takes place.
Table 17. Register 0x00
SR7 to
SR0
Register
Bit Description
Bit Number
Register
Setting
Reset
Value
7
6
5
4
3
2
1
0
0x00
Power
mode
Sleep mode. With this control enabled, the current
consumption is reduced to µA level. All DACs and the internal
PLL circuits are disabled. Registers can be read from and
written to in sleep mode.
0
Sleep
mode off
0x12
1
Sleep
mode on
PLL and oversampling control. This control allows the internal
PLL 1 circuit to be powered down and the oversampling to be
switched off.
0
PLL 1 on
1
PLL 1 off
DAC 3: power on/off.
0
DAC 3 off
1
DAC 3 on
DAC 2: power on/off.
0
DAC 2 off
1
DAC 2 on
DAC 1: power on/off.
0
DAC 1 off
1
DAC 1 on
DAC 6: power on/off.
0
DAC 6 off
1
DAC 6 on
DAC 5: power on/off.
0
DAC 5 off
1
DAC 5 on
DAC 4: power on/off.
0
DAC 4 off
1
DAC 4 on
Table 18. Register 0x01 to Register 0x09
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x01
Mode select
Reserved.
0
0x00
DDR clock edge alignment
(only used for ED2 and HD
DDR modes)
0
0
Chroma clocked in on rising clock edge;
luma clocked in on falling clock edge
0
1
Reserved
1
0
Reserved
1
1
Luma clocked in on rising clock edge;
chroma clocked in on falling clock edge
Reserved.
0
Input mode (see Subaddress
0x30, Bits[7:3] for ED/HD
standard selection)
0
0
0
SD input only
0
0
1
ED/HD-SDR input only
0
1
0
ED/HD-DDR input only
0
1
1
SD and ED/HD-SDR
1
0
0
SD and ED/HD-DDR
1
0
1
Reserved
1
1
0
Reserved
1
1
1
ED only (at 54 MHz)
Y/C/S bus swap
0
Allows data to be applied to data ports in
various configurations (SD feature only)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com