Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 74 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 70Page - Analog Devices ADV7341_15 Datasheet HTML 71Page - Analog Devices ADV7341_15 Datasheet HTML 72Page - Analog Devices ADV7341_15 Datasheet HTML 73Page - Analog Devices ADV7341_15 Datasheet HTML 74Page - Analog Devices ADV7341_15 Datasheet HTML 75Page - Analog Devices ADV7341_15 Datasheet HTML 76Page - Analog Devices ADV7341_15 Datasheet HTML 77Page - Analog Devices ADV7341_15 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 74 of 108
Figure 85. Example of Output Filter for HD, 4× Oversampling
Figure 86. Output Filter Plot for SD, 16× Oversampling
Figure 87. Output Filter Plot for ED, 8× Oversampling
Figure 88. Output Filter Plot for HD, 4× Oversampling
PRINTED CIRCUIT BOARD (PCB) LAYOUT
The ADV7340/ADV7341 are highly integrated circuits containing
both precision analog and high speed digital circuitry. They are
designed to minimize interference effects on the integrity of the
analog circuitry by the high speed digital circuitry. It is
imperative that these same design and layout techniques be
applied to the system-level design so that optimal performance
is achieved.
The layout should be optimized for lowest noise on the
ADV7340/ADV7341 power and ground planes by shielding the
digital inputs and providing good power supply decoupling.
It is recommended to use a 4-layer printed circuit board with
ground and power planes separating the signal trace layer and
the solder side layer.
Component Placement
Component placement should be carefully considered to separate
noisy circuits, such as clock signals and high speed digital circuitry,
from analog circuitry. The external loop filter components and
components connected to the COMP, VREF, and RSETx pins should
be placed as close as possible to, and on the same side of the PCB
as, the ADV7340/ ADV7341.
Adding vias to the PCB to get the components closer to the
ADV7340/ADV7341 is not recommended. It is recommended
to place the ADV7340/ADV7341 as close as possible to the
output connector, with the DAC output traces as short as
possible. The termination resistors on the DAC output traces
should be placed as close as possible to and on the same side of
the PCB as the ADV7340/ADV7341. The termination resistors
should overlay the PCB ground plane.
DAC
OUTPUT
390nH
33pF
33pF
75
Ω
500
Ω
300
Ω
75Ω
BNC
OUTPUT
500Ω
3
4
1
3
4
1
0
–80
–70
–60
–50
–40
–30
–20
–10
0
–30
–60
–90
–120
–150
–180
–210
–240
1M
10M
100M
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
1G
GROUP DELAY (Seconds)
PHASE (Degrees)
MAGNITUDE (dB)
21n
18n
15n
12n
9n
6n
3n
0
24n
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100M
1G
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
MAGNITUDE (dB)
GROUP DELAY (Seconds)
PHASE
(Degrees)
320
240
160
80
0
–80
–160
–240
480
400
14n
12n
10n
8n
6n
4n
2n
0
18n
16n
0
–50
1
FREQUENCY (MHz)
CIRCUIT FREQUENCY RESPONSE
10
100
–10
–20
–30
–40
200
–200
120
40
–40
–120
GROUP DELAY (Seconds)
PHASE
(Degrees)
MAGNITUDE (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com