Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 30Page - Analog Devices ADV7341_15 Datasheet HTML 31Page - Analog Devices ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices ADV7341_15 Datasheet HTML 36Page - Analog Devices ADV7341_15 Datasheet HTML 37Page - Analog Devices ADV7341_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 34 of 108
Table 20. Register 0x12 to Register 0x17
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x12
Pixel port readback (S bus MSBs)
S[9:2] readback
x
x
x
x
x
x
x
x
Read only.
0xXX
0x13
Pixel port readback (Y bus MSBs)
Y[9:2] readback
x
x
x
x
x
x
x
x
Read only.
0xXX
0x14
Pixel port readback (C bus MSBs)
C[9:2] readback
x
x
x
x
x
x
x
x
Read only.
0xXX
0x15
Pixel port readback (S, Y, and C bus LSBs)
C[1:0] readback
x
x
Read only.
0xXX
Y[1:0] readback
x
x
S[1:0] readback
x
x
Reserved
0
0
0x16
Control port readback
P_BLANK
x
Read only.
0xXX
P_VSYNC
x
P_HSYNC
x
S_VSYNC
x
S_HSYNC
x
SFL
x
Reserved
0
0
0x17
Software reset
Reserved
0
0x00
Software reset
0
Writing a 1 resets the device;
this is a self-clearing bit.
1
Reserved
0
0
0
0
0
0
1
x = Logic 0 or Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com