Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 31Page - Analog Devices ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices ADV7341_15 Datasheet HTML 36Page - Analog Devices ADV7341_15 Datasheet HTML 37Page - Analog Devices ADV7341_15 Datasheet HTML 38Page - Analog Devices ADV7341_15 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 35 of 108
Table 21. Register 0x30
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Note
Value
0x30
ED/HD Mode
Register 1
ED/HD output
standard
0
0
EIA770.2 output,
EIA770.3 output
ED
HD
0x00
0
1
EIA770.1 output
1
0
Output levels for full
input range
1
1
Reserved
ED/HD input
synchronization
format
0
External HSYNC, VSYNC
and field inputs1
1
Embedded EAV/SAV
codes
ED/HD standard2
0
0
0
0
0
SMPTE 293M,
ITU-BT.1358
525p at 59.94 Hz
0
0
0
1
0
BTA-1004, ITU-BT.1362
525p at 59.94 Hz
0
0
0
1
1
ITU-BT.1358
625p at 50 Hz
0
0
1
0
0
ITU-BT.1362
625p at 50 Hz
0
0
1
0
1
SMPTE 296M-1,
SMPTE 274M-2
720p at 60/59.94 Hz
0
0
1
1
0
SMPTE 296M-3
720p at 50 Hz
0
0
1
1
1
SMPTE 296M-4,
SMPTE 274M-5
720p at 30/29.97 Hz
0
1
0
0
0
SMPTE 296M-6.
720p at 25 Hz
0
1
0
0
1
SMPTE 296M-7,
SMPTE 296M-8
720p at 24/23.98 Hz
0
1
0
1
0
SMPTE 240M
1035i at 60/59.94 Hz
0
1
0
1
1
Reserved
0
1
1
0
0
Reserved
0
1
1
0
1
SMPTE 274M-4,
SMPTE 274M-5
1080i at 30/29.97 Hz
0
1
1
1
0
SMPTE 274M-6
1080i at 25 Hz
0
1
1
1
1
SMPTE 274M-7,
SMPTE 274M-8
1080p at 30/29.97 Hz
1
0
0
0
0
SMPTE 274M-9
1080p at 25 Hz
1
0
0
0
1
SMPTE 274M-10,
SMPTE 274M-11
1080p at 24/23.98 Hz
1
0
0
1
0
ITU-R BT.709-5
1080Psf at 24 Hz
10011–11111
Reserved
1
Synchronization can be controlled with a combination of either HSYNC and VSYNC inputs or HSYNC and field inputs, depending on Subaddress 0x34, Bit 6.
2
See the HD Interlace External P_HSYNC and P_VSYNC Considerations section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com