Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 36 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices ADV7341_15 Datasheet HTML 36Page - Analog Devices ADV7341_15 Datasheet HTML 37Page - Analog Devices ADV7341_15 Datasheet HTML 38Page - Analog Devices ADV7341_15 Datasheet HTML 39Page - Analog Devices ADV7341_15 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 36 of 108
Table 22. Register 0x31 to Register 0x33
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x31
ED/HD Mode
Register 2
ED/HD pixel data valid
0
Pixel data valid off.
0x00
1
Pixel data valid on.
Reserved
0
ED/HD test pattern enable
0
ED/HD test pattern off.
1
ED/HD test pattern on.
ED/HD test pattern hatch/field
0
Hatch.
1
Field/frame.
ED/HD VBI open
0
Disabled.
1
Enabled.
ED/HD undershoot limiter
0
0
Disabled.
0
1
−11 IRE.
1
0
−6 IRE.
1
1
−1.5 IRE.
ED/HD sharpness filter
0
Disabled.
1
Enabled.
0x32
ED/HD Mode
Register 3
ED/HD Y delay with respect to the falling
edge of HSYNC
0
0
0
0 clock cycles.
0x00
0
0
1
One clock cycle.
0
1
0
Two clock cycles.
0
1
1
Three clock cycles.
1
0
0
Four clock cycles.
ED/HD color delay with respect to the
falling edge of HSYNC
0
0
0
0 clock cycles.
0
0
1
One clock cycle.
0
1
0
Two clock cycles.
0
1
1
Three clock cycles.
1
0
0
Four clock cycles.
ED/HD CGMS
0
Disabled.
1
Enabled.
ED/HD CGMS CRC
0
Disabled.
1
Enabled.
0x33
ED/HD Mode
Register 4
ED/HD Cr/Cb sequence
0
Cb after falling edge of HSYNC.
0x68
1
Cr after falling edge of HSYNC.
Reserved
0
0 must be written to this bit.
ED/HD input format
0
8-bit input.
1
10-bit input.
Sinc compensation filter on DAC 1, DAC 2,
DAC 3
0
Disabled.
1
Enabled.
Reserved
0
0 must be written to this bit.
ED/HD chroma SSAF
0
Disabled.
1
Enabled.
ED/HD chroma input
0
4:4:4.
1
4:2:2.
ED/HD double buffering
0
Disabled.
1
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com