Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 28Page - Analog Devices ADV7341_15 Datasheet HTML 29Page - Analog Devices ADV7341_15 Datasheet HTML 30Page - Analog Devices ADV7341_15 Datasheet HTML 31Page - Analog Devices ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices ADV7341_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 32 of 108
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x02
Mode
Register 0
Reserved.
0
0 must be written to this bit.
0x20
HD interlace external
VSYNC
and
HSYNC
0
Default.
1
If using HD
HSYNC/VSYNCinterlace mode,
setting this bit to 1 is recommended (see the
HD Interlace External P_HSYNC and
P_VSYNC Considerations section for more
information).
Test pattern black bar.3
0
Disabled.
1
Enabled.
Manual CSC matrix adjust
0
Disable manual CSC matrix adjust.
1
Enable manual CSC matrix adjust.
Sync on RGB
0
No sync.
1
Sync on all RGB outputs.
RGB/YPrPb output select
0
RGB component outputs.
1
YPrPb component outputs.
SD sync output enable
0
No sync output.
1
Output SD syncs on the HSYNC and VSYNC
pins.
ED/HD sync output enable
0
No sync output.
1
Output ED/HD syncs on the HSYNC and
VSYNC pins.
0x03
ED/HD CSC
Matrix 0
x
x
LSBs for GY.
0x03
0x04
ED/HD CSC
Matrix 1
x
x
LSBs for RV.
0xF0
x
x
LSBs for BU.
x
x
LSBs for GV.
x
x
LSBs for GU.
0x05
ED/HD CSC
Matrix 2
x
x
x
x
x
x
x
x
Bits[9:2 ] for GY.
0x4E
0x06
ED/HD CSC
Matrix 3
x
x
x
x
x
x
x
x
Bits[9:2] for GU.
0x0E
0x07
ED/HD CSC
Matrix 4
x
x
x
x
x
x
x
x
Bits[9:2] for GV.
0x24
0x08
ED/HD CSC
Matrix 5
x
x
x
x
x
x
x
x
Bits[9:2] for BU.
0x92
0x09
ED/HD CSC
Matrix 6
x
x
x
x
x
x
x
x
Bits[9:2] for RV.
0x7C
1
x = Logic 0 or Logic 1.
2
ED = enhanced definition = 525p and 625p.
3
Subaddress 0x31, Bit 2 must also be enabled (ED/HD). Subaddress 0x84, Bit 6 must also be enabled (SD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com