Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 56 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices ADV7341_15 Datasheet HTML 54Page - Analog Devices ADV7341_15 Datasheet HTML 55Page - Analog Devices ADV7341_15 Datasheet HTML 56Page - Analog Devices ADV7341_15 Datasheet HTML 57Page - Analog Devices ADV7341_15 Datasheet HTML 58Page - Analog Devices ADV7341_15 Datasheet HTML 59Page - Analog Devices ADV7341_15 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 56 of 108
SD SUBCARRIER FREQUENCY CONTROL
Subaddress 0x8C to Subaddress 0x8F
The ADV7340/ADV7341 is able to generate the color subcarrier
used in CVBS and S-Video (Y-C) outputs from the input pixel
clock. Four 8-bit registers are used to set up the subcarrier
frequency. The value of these registers is calculated using
32
2
MHz
27
×
=
line
video
one
in
cycles
clk
of
Number
line
video
one
in
periods
subcarrier
of
Number
Register
Frequency
Subcarrier
where the sum is rounded to the nearest integer. For example, in
NTSC mode
569408543
2
1716
5
.
227
32
=
×
=
Value
Register
Subcarrier
where:
Subcarrier Register Value = 569408543d = 0×21F07C1F
SD FSC Register 0: 0x1F
SD FSC Register 1: 0x7C
SD FSC Register 2: 0xF0
SD FSC Register 3: 0x21
Programming the FSC
The subcarrier frequency register value is divided into four FSC
registers, as shown in the previous example. The four subcarrier
frequency registers must be updated sequentially, starting with
Subcarrier Frequency Register 0 and ending with Subcarrier
Frequency Register 3. The subcarrier frequency updates only
after the last subcarrier frequency register byte is received by
the ADV7340/ADV7341. The SD input standard autodetection
feature must be disabled.
Typical FSC Values
Table 42 outlines the values that should be written to the
subcarrier frequency registers for NTSC and PAL B/D/G/H/I.
Table 42. Typical FSC Values
Subaddress
Description
NTSC
PAL B/D/G/H/I
0x8C
FSC0
0x1F
0xCB
0x8D
FSC1
0x7C
0x8A
0x8E
FSC2
0xF0
0x09
0x8F
FSC3
0x21
0x2A
SD NONINTERLACED MODE
Subaddress 0x88, Bit 1
The ADV7340/ADV7341 support an SD noninterlaced mode.
Using this mode, progressive inputs at twice the frame rate of
NTSC and PAL (240p/59.94 Hz and 288p/50 Hz, respectively)
can be input into the ADV7340/ADV7341. The SD noninter-
laced mode can be enabled using Subaddress 0x88, Bit 1.
A 27 MHz clock signal must be provided on the CLKIN_A pin.
Embedded EAV/SAV timing codes or external horizontal and
vertical synchronization signals provided on the S_HSYNC and
S_VSYNC pins can be used to synchronize the input pixel data.
All input configurations, output configurations, and features
available in NTSC and PAL modes are available in SD noninter-
laced mode. For 240p/59.94 Hz input, the ADV7340/ADV7341
should be configured for NTSC operation, and Subaddress
0x88, Bit 1 should be set to 1.
For 288p/50 Hz input, the ADV7340/ADV7341 should be con-
figured for PAL operation, and Subaddress 0x88, Bit 1 should be
set to 1.
SD SQUARE PIXEL MODE
Subaddress 0x82, Bit 4
The ADV7340/ADV7341 support an SD square pixel mode
(Subaddress 0x82, Bit 4). For NTSC operation, an input clock of
24.5454 MHz is required. The active resolution is 640 × 480. For
PAL operation, an input clock of 29.5 MHz is required. The
active resolution is 768 × 576.
For CVBS and S-Video (Y-C) outputs, the SD subcarrier
frequency registers must be updated to reflect the input clock
frequency used in SD square pixel mode. The SD input standard
autodetection feature must be disabled in SD square pixel
mode. In square pixel mode, the timing diagrams shown in
Figure 60 and Figure 61 apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com