Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 100 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 96Page - Analog Devices ADV7341_15 Datasheet HTML 97Page - Analog Devices ADV7341_15 Datasheet HTML 98Page - Analog Devices ADV7341_15 Datasheet HTML 99Page - Analog Devices ADV7341_15 Datasheet HTML 100Page - Analog Devices ADV7341_15 Datasheet HTML 101Page - Analog Devices ADV7341_15 Datasheet HTML 102Page - Analog Devices ADV7341_15 Datasheet HTML 103Page - Analog Devices ADV7341_15 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 100 of 108
ENHANCED DEFINITION
Table 85. ED Configuration Scripts
Input Format
Input Data Width1
Synchronization Format
Input Color Space
Output Color Space
Table Number
525p at 59.94 Hz
10-bit DDR
EAV/SAV
YCrCb
YPrPb
Table 86
525p at 59.94 Hz
10-bit DDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 87
525p at 59.94 Hz
10-bit DDR
EAV/SAV
YCrCb
RGB
Table 88
525p at 59.94 Hz
10-bit DDR
HSYNC/VSYNC
YCrCb
RGB
Table 89
525p at 59.94 Hz
20-bit SDR
EAV/SAV
YCrCb
YPrPb
Table 90
525p at 59.94 Hz
20-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 91
525p at 59.94 Hz
20-bit SDR
EAV/SAV
YCrCb
RGB
Table 92
525p at 59.94 Hz
20-bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 93
525p at 59.94 Hz
30-bit SDR
EAV/SAV
YCrCb
YPrPb
Table 94
525p at 59.94 Hz
30-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 95
525p at 59.94 Hz
30-bit SDR
EAV/SAV
YCrCb
RGB
Table 96
525p at 59.94 Hz
30-bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 97
525p at 59.94 Hz
30-bit SDR
HSYNC/VSYNC
RGB
RGB
Table 98
625p at 50 Hz
10-bit DDR
EAV/SAV
YCrCb
YPrPb
Table 99
625p at 50 Hz
10-bit DDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 100
625p at 50 Hz
10-bit DDR
EAV/SAV
YCrCb
RGB
Table 101
625p at 50 Hz
10-bit DDR
HSYNC/VSYNC
YCrCb
RGB
Table 102
625p at 50 Hz
20-bit SDR
EAV/SAV
YCrCb
YPrPb
Table 103
625p at 50 Hz
20-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 104
625p at 50 Hz
20-bit SDR
EAV/SAV
YCrCb
RGB
Table 105
625p at 50 Hz
20-bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 106
625p at 50 Hz
30-bit SDR
EAV/SAV
YCrCb
YPrPb
Table 107
625p at 50 Hz
30-bit SDR
HSYNC/VSYNC
YCrCb
YPrPb
Table 108
625p at 50 Hz
30-bit SDR
EAV/SAV
YCrCb
RGB
Table 109
625p at 50 Hz
30-bit SDR
HSYNC/VSYNC
YCrCb
RGB
Table 110
625p at 50 Hz
30-bit SDR
HSYNC/VSYNC
RGB
RGB
Table 111
1
SDR = single data rate. DDR = dual data rate.
Table 86. 10-Bit 525p YCrCb In (EAV/SAV), YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x20
ED-DDR input mode. Luma data
clocked on falling edge of CLKIN.
0x30
0x04
525p at 59.94 Hz. EAV/SAV synchro-
nization. EIA-770.2 output levels.
0x31
0x01
Pixel data valid.
0x33
0x6C
10-bit input enabled.
Table 87. 10-Bit 525p YCrCb In, YPrPb Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (8×).
0x01
0x20
ED-DDR input mode. Luma data
clocked on falling edge of CLKIN.
0x30
0x00
525p at 59.94 Hz. HSYNC/VSYNC
synchronization. EIA-770.2 output
levels.
0x31
0x01
Pixel data valid.
0x33
0x6C
10-bit input enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com