Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices ADV7341_15 Datasheet HTML 54Page - Analog Devices ADV7341_15 Datasheet HTML 55Page - Analog Devices ADV7341_15 Datasheet HTML 56Page - Analog Devices ADV7341_15 Datasheet HTML 57Page - Analog Devices ADV7341_15 Datasheet HTML 58Page - Analog Devices ADV7341_15 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 55 of 108
ED/HD TIMING RESET
Subaddress 0x34, Bit 0
An ED/HD timing reset is achieved by toggling the ED/HD timing
reset control bit (Subaddress 0x34, Bit 0) from 0 to 1. In this state,
the horizontal and vertical counters remain reset. When this bit
is set back to 0, the internal counters resume counting. This
timing reset applies to the ED/HD timing counters only.
SD SUBCARRIER FREQUENCY LOCK
Subcarrier Frequency Lock (SFL) Mode
In this mode (Subaddress 0x84, Bits[2:1] = 11), the ADV7340/
ADV7341 can be used to lock to an external video source. The
SFL mode allows the ADV7340/ADV7341 to automatically alter
the subcarrier frequency to compensate for line length variations.
When the part is connected to a device such as an ADV7403
video decoder (see Figure 59) that outputs a digital data stream
in the SFL format, the part automatically changes to the com-
pensated subcarrier frequency on a line-by-line basis. This digital
data stream is 67 bits wide, and the subcarrier is contained in
Bit 0 to Bit 21. Each bit is two clock cycles long.
SD VCR FF/RW SYNC
Subaddress 0x82, Bit 5
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW sync control bit can be used for non-
standard input video, that is, in fast forward or rewind modes.
In fast forward mode, the sync information at the start of a new
field in the incoming video usually occurs before the correct
number of lines/fields is reached. In rewind mode, this sync
signal usually occurs after the total number of lines/fields is
reached. Conventionally, this means that the output video has
corrupted field signals because one signal is generated by the
incoming video and another is generated when the internal
line/field counters reach the end of a field.
When the VCR FF/RW sync control is enabled (Subaddress 0x82,
Bit 5), the line/field counters are updated according to the
incoming VSYNC signal and when the analog output matches
the incoming VSYNC signal. This control is available in all
slave-timing modes except slave Mode 0.
VERTICAL BLANKING INTERVAL
Subaddress 0x31, Bit 4; Subaddress 0x83, Bit 4
The ADV7340/ADV7341 are able to accept input data that
contains VBI data (such as CGMS, WSS, VITS) in SD, ED, and
HD modes.
If VBI is disabled (Subaddress 0x31, Bit 4 for ED/HD;
Subaddress 0x83, Bit 4 for SD), VBI data is not present at the
output and the entire VBI is blanked. These control bits are
valid in all master and slave timing modes.
For the SMPTE 293M (525p) standard, VBI data can be
inserted on Line 13 to Line 42 of each frame or on Line 6 to
Line 43 for the ITU-R BT.1358 (625p) standard. VBI data can
be present on Line 10 to Line 20 for NTSC and on Line 7 to
Line 22 for PAL.
In SD Timing Mode 0 (slave option), if VBI is enabled, the
blanking bit in the EAV/SAV code is overwritten. It is possible
to use VBI in this timing mode as well.
If CGMS is enabled and VBI is disabled, the CGMS data is,
nevertheless, available at the output.
Figure 59. SD Subcarrier Frequency Lock Timing and Connections Diagram (Subaddress 0x84, Bits[2:1] = 11)
LLC1
SFL
P[19:10]
ADV7403
VIDEO
DECODER
CLKIN_A
SFL
Y[9:0]/S[9:0]5
RTC
LOW
128
TIME SLOT 01
13
0
14
21
19
FSC PLL INCREMENT2
VALID
SAMPLE
INVALID
SAMPLE
6768
0
RESET BIT4
RESERVED
ADV7340/ADV7341
8/LINE
LOCKED
CLOCK
5 BITS
RESERVED
1FOR EXAMPLE, VCR OR CABLE.
2FSC PLL INCREMENT IS 22 BITS LONG. VALUE LOADED INTO ADV7340/ADV7341 FSC DDS REGISTER IS
FSC PLL INCREMENTS BITS[21:0] PLUS BITS[0:9] OF SUBCARRIER FREQUENCY REGISTERS.
3SEQUENCE BIT
PAL: 0 = LINE NORMAL, 1 = LINE INVERTED
NTSC: 0 = NO CHANGE
4RESET ADV7340/ADV7341 DDS.
5SELECTED BY SUBADDRESS 0x01, BIT 7.
COMPOSITE
VIDEO1
H/L TRANSITION
COUNT START
14 BITS
SUBCARRIER
PHASE
SEQUENCE
BIT3
DAC 1
DAC 2
DAC 3
DAC 4
DAC 5
DAC 6
4 BITS
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com