Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 75 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 71Page - Analog Devices ADV7341_15 Datasheet HTML 72Page - Analog Devices ADV7341_15 Datasheet HTML 73Page - Analog Devices ADV7341_15 Datasheet HTML 74Page - Analog Devices ADV7341_15 Datasheet HTML 75Page - Analog Devices ADV7341_15 Datasheet HTML 76Page - Analog Devices ADV7341_15 Datasheet HTML 77Page - Analog Devices ADV7341_15 Datasheet HTML 78Page - Analog Devices ADV7341_15 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 75 of 108
External filter and buffer components connected to the DAC
outputs should be placed as close as possible to the ADV7340/
ADV7341 to minimize the possibility of noise pickup from
neighboring circuitry and to minimize the effect of trace
capacitance on output bandwidth. This is particularly important
when operating in low-drive mode (RSETx = 4.12 kΩ, RL = 300 Ω).
Power Supplies
It is recommended that a separate regulated supply be provided
for each power domain (VAA, VDD, VDD_IO, and PVDD). For
optimal performance, linear regulators rather than switch mode
regulators should be used. If switch mode regulators must be
used, care must be taken with regard to the quality of the output
voltage in terms of ripple and noise. This is particularly true for
the VAA and PVDD power domains. Each power supply should be
individually connected to the system power supply at a single
point through a suitable filtering device, such as a ferrite bead.
Power Supply Decoupling
It is recommended that each power supply pin be decoupled
with 10 nF and 0.1 µF ceramic capacitors. The VAA, PVDD,
VDD_IO, and both VDD pins should be individually decoupled to
ground. The decoupling capacitors should be placed as close as
possible to the ADV7340/ADV7341 with the capacitor leads
kept as short as possible to minimize lead inductance.
A 1 µF tantalum capacitor is recommended across the VAA
supply in addition to the 10 nF and 0.1 µF ceramic capacitors.
Power Supply Sequencing
If the ALSB pin is tied low, a power supply sequence is required for
proper operation of the part. The VDD_IO power supply must be
established a minimum of 250 µs prior to the VDD power supply
being established. The VAA and PVDD power supplies can be
established at any time and in any order. Tying ALSB to VDD_IO
completely removes this PSS requirement.
Digital Signal Interconnect
The digital signal traces should be isolated as much as possible
from the analog outputs and other analog circuitry. Digital
signal traces should not overlay the VAA or PVDD power planes.
Due to the high clock rates used, avoid long clock traces to the
ADV7340/ADV7341 to minimize noise pickup.
Any pull-up termination resistors for the digital inputs should
be connected to the VDD_IO power supply.
Any unused digital inputs should be tied to ground.
Analog Signal Interconnect
DAC output traces should be treated as transmission lines with
appropriate measures taken to ensure optimal performance (for
example, impedance matched traces). The DAC output traces
should be kept as short as possible. The termination resistors on
the DAC output traces should be placed as close as possible to,
and on the same side of the PCB as, the ADV7340/ADV7341.
To avoid crosstalk between the DAC outputs, it is recom-
mended that as much space as possible be left between the
traces connected to the DAC output pins. Adding ground traces
between the DAC output traces is also recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com