Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 52 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 48Page - Analog Devices ADV7341_15 Datasheet HTML 49Page - Analog Devices ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices ADV7341_15 Datasheet HTML 54Page - Analog Devices ADV7341_15 Datasheet HTML 55Page - Analog Devices ADV7341_15 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 52 of 108
The ED/HD-DDR 8-/10-bit 4:2:2 CrCb pixel data is also input
on Pin Y9 to Pin Y2/Y0 on the opposite edge of CLKIN_B. Pin Y0
is the LSB in 10-bit input mode.
Whether the ED/HD Y data is clocked in on the rising or falling
edge of CLKIN_B is determined by Subaddress 0x01, Bits[2:1]
(see the input sequence shown in Figure 52 and Figure 53).
Figure 55. Simultaneous SD and ED Example Application
Figure 56. Simultaneous SD and HD Example Application
ENHANCED DEFINITION ONLY (AT 54 MHz)
Subaddress 0x01, Bits[6:4] = 111
Enhanced definition (ED) YCrCb data can be input in an
interleaved 4:2:2 format on an 8-/10-bit bus at a rate of 54 MHz.
A 54 MHz clock signal must be provided on the CLKIN_A pin.
Input synchronization signals are provided on the P_HSYNC,
P_VSYNC, and P_BLANK pins.
The interleaved pixel data is input on Pin Y9 to Pin Y2/Y0, with
Pin Y0 being the LSB in 10-bit input mode.
Figure 57. ED Only (at 54 MHz) Input Sequence (EAV/SAV)
Figure 58. ED Only (at 54 MHz) Example Application
CLKIN_A
CLKIN_B
S[9:0]
C[9:0]
Y[9:0]
ED
DECODER
S_VSYNC,
S_HSYNC
P_VSYNC,
P_HSYNC,
P_BLANK
27MHz
10
CrCb
10
Y
3
2
YCrCb
27MHz
10
SD
DECODER
525p
OR
625p
ADV7340/
ADV7341
CLKIN_A
CLKIN_B
S[9:0]
C[9:0]
Y[9:0]
HD
DECODER
S_VSYNC,
S_HSYNC
P_VSYNC,
P_HSYNC,
P_BLANK
74.25MHz
10
CrCb
10
Y
3
2
YCrCb
27MHz
10
SD
DECODER
1080i
OR
720p
OR
1035i
ADV7340/
ADV7341
3FF
00
00
XY
Cb0
Y0
Y1
Cr0
CLKIN_A
Y9–Y0
MPEG2
DECO
DER
CLKIN_A
Y[9:0]
54MHz
P_VSYNC,
P_HSYNC,
P_BLANK
YCrCb
10
YCrCb
3
INTERLACED TO
PROGRESSIVE
ADV7340/
ADV7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com