Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 60Page - Analog Devices ADV7341_15 Datasheet HTML 61Page - Analog Devices ADV7341_15 Datasheet HTML 62Page - Analog Devices ADV7341_15 Datasheet HTML 63Page - Analog Devices ADV7341_15 Datasheet HTML 64Page - Analog Devices ADV7341_15 Datasheet HTML 65Page - Analog Devices ADV7341_15 Datasheet HTML 66Page - Analog Devices ADV7341_15 Datasheet HTML 67Page - Analog Devices ADV7341_15 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 64 of 108
ED/HD SHARPNESS FILTER AND ADAPTIVE
FILTER CONTROLS
Subaddress 0x40; Subaddress 0x58 to Subaddress 0x5D
There are three filter modes available on the ADV7340/ADV7341:
a sharpness filter mode and two adaptive filter modes.
ED/HD Sharpness Filter Mode
To enhance or attenuate the Y signal in the frequency ranges
shown in Figure 69, the ED/HD sharpness filter must be
enabled (Subaddress 0x31, Bit 7) and the ED/HD adaptive filter
must be disabled (Subaddress 0x35, Bit 7).
To select one of the 256 individual responses, the corresponding
gain values, which range from –8 to +7 for each filter, must be
programmed into the ED/HD sharpness filter gain register at
Subaddress 0x40.
ED/HD Adaptive Filter Mode
The ED/HD adaptive filter (Threshold A, Threshold B, and
Threshold C) registers, the ED/HD adaptive filter (Gain 1,Gain 2,
and Gain 3) registers, and the ED/HD sharpness filter gain
register are used in adaptive filter mode. To activate the
adaptive filter control, the ED/HD sharpness filter and the
ED/HD adaptive filter must be enabled (Subaddress 0x31, Bit 7,
and Subaddress 0x35, Bit 7, respectively).
The derivative of the incoming signal is compared to the
three programmable threshold values; that is the ED/HD
adaptive filter (Threshold A, Threshold B, and Threshold C)
registers (Subaddress 0x5B, Subaddress 0x5C, and Subaddress
0x5D, respectively). The recommended threshold range is 16 to
235, although any value in the range of 0 to 255 can be used.
The edges can then be attenuated with the settings in the
ED/HD adaptive filter (Gain 1, Gain 2, and Gain 3) registers
(Subaddress 0x58, Subaddress 0x59, and Subaddress 0x5A,
respectively), and the ED/HD sharpness filter gain register
(Subaddress 0x40).
There are two adaptive filter modes available. The mode
is selected using the ED/HD adaptive filter mode control
(Subaddress 0x35, Bit 6) as follows:
Mode A is used when the ED/HD adaptive filter mode
control is set to 0. In this case, Filter B (LPF) is used in the
adaptive filter block. In addition, only the programmed
values for Gain B in the ED/HD sharpness filter gain
register and ED/HD adaptive filter (Gain 1, Gain 2, and
Gain 3) registers are applied when needed. The Gain A
values are fixed and cannot be changed.
Mode B is used when ED/HD adaptive filter mode control
is set to 1. In this mode, a cascade of Filter A and Filter B is
used. Both settings for Gain A and Gain B in the ED/HD
sharpness filter gain register and ED/HD adaptive filter
(Gain 1, Gain 2, and Gain 3) registers become active when
needed.
Figure 69. ED/HD Sharpness and Adaptive Filter Control Block
FREQUENCY (MHz)
FILTER A RESPONSE (Gain Ka)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
FILTER B RESPONSE (Gain Kb)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
12
INPUT 
SIGNAL
STEP
FREQUENCY RESPONSE IN SHARPNESS
FILTER MODE WITH Ka = 3 AND Kb = 7
SHARPNESS AND ADAPTIVE FILTER CONTROL BLOCK
0
2
4
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com