Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 50 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices ADV7341_15 Datasheet HTML 48Page - Analog Devices ADV7341_15 Datasheet HTML 49Page - Analog Devices ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices ADV7341_15 Datasheet HTML 52Page - Analog Devices ADV7341_15 Datasheet HTML 53Page - Analog Devices ADV7341_15 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 50 of 108
Table 36. Input Configuration
S
Y
C
Input Mode1
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
9
8
7
6
5
4
3
2
1
0
000
SD only
Y/C/S bus swap (Subaddress 0x01[7]) = 0
8-/10-bit
YCrCb2, 3
YCrCb
16-/20-bit
YCrCb2,3,4
Y
CrCb
Y/C/S bus swap (Subaddress 0x01[7]) = 1
8-/10-bit
YCrCb2, 3
YCrCb
16-/20-bit
YCrCb2,3,4
Y
CrCb
SD RGB input enable (Subaddress 0x87[7]) = 1
24-/30-bit
RGB4
R
G
B
001
ED/HD-SDR
only3,5,6,7
ED/HD RGB input enable (Subaddress 0x35[1]) = 0
16-/20-bit
YCrCb
Y
CrCb
24-/30-bit
YCrCb
Cr
Y
Cb
ED/HD RGB input enable (Subaddress 0x35[1]) = 1
24-/30-bit
RGB4
R
G
B
010
ED/HD-DDR
only (8-/10-
bit)3, 6, 7
YCrCb
011
SD, ED/HD-
SDR (24-
/30-bit)3, 6, 7, 8
YCrCb (SD)
Y (ED/HD)
CrCb (ED/HD)
100
SD, ED/HD-
DDR (16-/
20-bit)3, 6, 7, 8
YCrCb (SD)
YCrCb (ED/HD)
111
ED only (54
MHz) (8-/10-
bit) 3, 6, 7
YCrCb
1
The input mode is determined by Subaddress 0x01, Bits[6:4].
2
In SD only (YCrCb) mode, the format of the input data is determined by Subaddress 0x88, Bits[4:3]. See Table 29 for more information.
3
For 8-/16-/24-bit inputs, only the eight most significant bits (MSBs) of each applicable input bus are used.
4
External synchronization signals must be used in this input mode. Embedded EAV/SAV timing codes are not supported.
5
In ED/HD-SDR only (YCrCb) mode, the format of the input data is determined by Subaddress 0x33, Bit 6. See Table 22 for more information.
6
ED = enhanced definition = 525p and 625p.
7
The bus width of the ED/HD input data is determined by Subaddress 0x33, Bit 2 (0 = 8-bit input, 1 = 10-bit input). See Table 22 for more information.
8
The bus width of the SD input data is determined by Subaddress 0x88, Bits[4:3] (00 = 8-bit, 01 = 16-bit, 10 = 10-bit, 11 = 20-bit). See Table 29 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com