Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 29Page - Analog Devices ADV7341_15 Datasheet HTML 30Page - Analog Devices ADV7341_15 Datasheet HTML 31Page - Analog Devices ADV7341_15 Datasheet HTML 32Page - Analog Devices ADV7341_15 Datasheet HTML 33Page - Analog Devices ADV7341_15 Datasheet HTML 34Page - Analog Devices ADV7341_15 Datasheet HTML 35Page - Analog Devices ADV7341_15 Datasheet HTML 36Page - Analog Devices ADV7341_15 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 33 of 108
Table 19. Register 0x0A to Register 0x10
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0x0A
DAC 4, DAC 5, DAC 6
output levels
Positive gain to
DAC output voltage
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
…
…
…
…
…
…
…
…
…
0
0
1
1
1
1
1
1
+7.382%
0
1
0
0
0
0
0
0
+7.5%
Negative gain to
DAC output voltage
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
−0.018%
0x0B
DAC 1, DAC 2, DAC 3
output levels
Positive gain to
DAC output voltage
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
…
…
…
…
…
…
…
…
…
0
0
1
1
1
1
1
1
+7.382%
0
1
0
0
0
0
0
0
+7.5%
Negative Gain to
DAC Output Voltage
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
−0.018%
0x0D
DAC power mode
DAC 1 low power enable
0
DAC 1 low power disabled
0x00
1
DAC 1 low power enabled
DAC 2 low power enable
0
DAC 2 low power disabled
1
DAC 2 low power enabled
DAC 3 low power enable
0
DAC 3 low power disabled
1
DAC 3 low power enabled
Reserved
0
0
0
0
0
0x10
Cable detection
DAC 1 cable detect
(read only)
0
Cable detected on DAC 1
0x00
1
DAC 1 unconnected
DAC 2 cable detect
(read only)
0
Cable detected on DAC 2
1
DAC 2 unconnected
Reserved.
0
0
Unconnected DAC
autopower-down
0
DAC autopower-down
disable
1
DAC autopower-down
enable
Reserved
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com