Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 98 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 98 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 94Page - Analog Devices ADV7341_15 Datasheet HTML 95Page - Analog Devices ADV7341_15 Datasheet HTML 96Page - Analog Devices ADV7341_15 Datasheet HTML 97Page - Analog Devices ADV7341_15 Datasheet HTML 98Page - Analog Devices ADV7341_15 Datasheet HTML 99Page - Analog Devices ADV7341_15 Datasheet HTML 100Page - Analog Devices ADV7341_15 Datasheet HTML 101Page - Analog Devices ADV7341_15 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
ADV7340/ADV7341
Data Sheet
Rev. C | Page 98 of 108
Table 73. 10-Bit NTSC Square Pixel YCrCb In (EAV/SAV),
CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xDB
Pixel data valid. CVBS/Y-C (S-Video)
out. SSAF PrPb filter enabled. Active
video edge control enabled. Pedestal
enabled. Square pixel mode enabled.
0x88
0x10
10-bit YCbCr input enabled.
0x8C
0x55
Subcarrier frequency register values
for CVBS and/or S-Video (Y-C) output in
NTSC square pixel mode (24.5454 MHz
input clock).
0x8D
0x55
0x8E
0x55
0x8F
0x25
Table 74. 30-Bit NTSC Square Pixel RGB In, CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0x1C
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x10
NTSC standard. SSAF luma filter
enabled. 1.3 MHz chroma filter enabled.
0x82
0xDB
Pixel data valid. CVBS/Y-C (S-Video) out.
SSAF PrPb filter enabled. Active video
edge control enabled. Pedestal
enabled. Square pixel mode enabled.
0x87
0x80
RGB input enabled.
0x88
0x10
30-bit RGB input enabled.
0x8A
0x0C
Timing Mode 2 (slave). HSYNC/VSYNC
synchronization.
0x8C
0x55
Subcarrier frequency register values
for CVBS and/or S-Video (Y-C) output in
NTSC square pixel mode (24.5454 MHz
input clock).
0x8D
0x55
0x8E
0x55
0x8F
0x25
Table 75. 10-Bit 625i YCrCb In (EAV/SAV), YPrPb and
CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x11
PAL standard. SSAF luma filter enabled.
1.3 MHz chroma filter enabled.
0x82
0xC1
Pixel data valid. YPrPb and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled.
0x88
0x10
10-bit input enabled.
Table 76. 10-Bit 625i YCrCb In, YPrPb and CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x80
0x11
PAL standard. SSAF luma filter enabled.
1.3 MHz chroma filter enabled.
0x82
0xC1
Pixel data valid. YPrPb and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled.
0x88
0x10
10-bit input enabled.
0x8A
0x0C
Timing Mode 2 (slave). HSYNC/VSYNC
synchronization.
Table 77. 10-Bit 625i YCrCb In (EAV/SAV), RGB and
CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x80
0x11
PAL standard. SSAF luma filter enabled.
1.3 MHz chroma filter enabled.
0x82
0xC1
Pixel data valid. RGB and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled.
0x88
0x10
10-bit input enabled.
Table 78. 10-Bit 625i YCrCb In, RGB and CVBS/Y-C Out
Subaddress
Setting
Description
0x17
0x02
Software reset.
0x00
0xFC
All DACs enabled. PLL enabled (16×).
0x01
0x00
SD input mode.
0x02
0x10
RGB output enabled. RGB output sync
enabled.
0x80
0x11
PAL standard. SSAF luma filter enabled.
1.3 MHz chroma filter enabled.
0x82
0xC1
Pixel data valid. RGB and CVBS/Y-C
out. SSAF PrPb filter enabled. Active
video edge control enabled.
0x88
0x10
10-bit input enabled.
0x8A
0x0C
Timing Mode 2 (slave). HSYNC/VSYNC
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com