Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 47 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 43Page - Analog Devices ADV7341_15 Datasheet HTML 44Page - Analog Devices ADV7341_15 Datasheet HTML 45Page - Analog Devices ADV7341_15 Datasheet HTML 46Page - Analog Devices ADV7341_15 Datasheet HTML 47Page - Analog Devices ADV7341_15 Datasheet HTML 48Page - Analog Devices ADV7341_15 Datasheet HTML 49Page - Analog Devices ADV7341_15 Datasheet HTML 50Page - Analog Devices ADV7341_15 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 47 of 108
Table 32. Register 0xA6 to Register 0xBB
SR7 to
Bit Number1
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0xA6
SD Gamma A0
SD Gamma Curve A (Point 24)
x
x
x
x
x
x
x
x
A0
0x00
0xA7
SD Gamma A1
SD Gamma Curve A (Point 32)
x
x
x
x
x
x
x
x
A1
0x00
0xA8
SD Gamma A2
SD Gamma Curve A (Point 48)
x
x
x
x
x
x
x
x
A2
0x00
0xA9
SD Gamma A3
SD Gamma Curve A (Point 64)
x
x
x
x
x
x
x
x
A3
0x00
0xAA
SD Gamma A4
SD Gamma Curve A (Point 80)
x
x
x
x
x
x
x
x
A4
0x00
0xAB
SD Gamma A5
SD Gamma Curve A (Point 96)
x
x
x
x
x
x
x
x
A5
0x00
0xAC
SD Gamma A6
SD Gamma Curve A (Point 128)
x
x
x
x
x
x
x
x
A6
0x00
0xAD
SD Gamma A7
SD Gamma Curve A (Point 160)
x
x
x
x
x
x
x
x
A7
0x00
0xAE
SD Gamma A8
SD Gamma Curve A (Point 192)
x
x
x
x
x
x
x
x
A8
0x00
0xAF
SD Gamma A9
SD Gamma Curve A (Point 224)
x
x
x
x
x
x
x
x
A9
0x00
0xB0
SD Gamma B0
SD Gamma Curve B (Point 24)
x
x
x
x
x
x
x
x
B0
0x00
0xB1
SD Gamma B1
SD Gamma Curve B (Point 32)
x
x
x
x
x
x
x
x
B1
0x00
0xB2
SD Gamma B2
SD Gamma Curve B (Point 48)
x
x
x
x
x
x
x
x
B2
0x00
0xB3
SD Gamma B3
SD Gamma Curve B (Point 64)
x
x
x
x
x
x
x
x
B3
0x00
0xB4
SD Gamma B4
SD Gamma Curve B (Point 80)
x
x
x
x
x
x
x
x
B4
0x00
0xB5
SD Gamma B5
SD Gamma Curve B (Point 96)
x
x
x
x
x
x
x
x
B5
0x00
0xB6
SD Gamma B6
SD Gamma Curve B (Point 128)
x
x
x
x
x
x
x
x
B6
0x00
0xB7
SD Gamma B7
SD Gamma Curve B (Point 160)
x
x
x
x
x
x
x
x
B7
0x00
0xB8
SD Gamma B8
SD Gamma Curve B (Point 192)
x
x
x
x
x
x
x
x
B8
0x00
0xB9
SD Gamma B9
SD Gamma Curve B (Point 224)
x
x
x
x
x
x
x
x
B9
0x00
0xBA
SD brightness detect
SD brightness value
x
x
x
x
x
x
x
x
Read only
0xXX
0xBB
Field count
Field count
x
x
x
Read only
0x0X
Reserved
0
0
0
Reserved
Encoder version code
0
0
Read only;
first encoder
version2
0
1
Read only;
second
encoder
version
1
x = Logic 0 or Logic 1.
2
See the HD Interlace External P_HSYNC and P_VSYNC Considerations section for information about the first encoder revision.
Table 33. Register 0xBD to Register 0xC8
SR7 to
Bit Number1
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0xBD
SD CSC Matrix 1
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for a1
0x42
0xBE
SD CSC Matrix 2
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for a2
0x81
0xBF
SD CSC Matrix 3
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for a3
0x19
0xC0
SD CSC Matrix 4
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for a4
0x10
0xC1
SD CSC Matrix 5
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for b1
0x70
0xC2
SD CSC Matrix 6
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for b2
0x5E
0xC3
SD CSC Matrix 7
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for b3
0x12
0xC4
SD CSC Matrix 8
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for b4
0x80
0xC5
SD CSC Matrix 9
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for c1
0x26
0xC6
SD CSC Matrix 10
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for c2
0x4A
0xC7
SD CSC Matrix 11
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for c3
0x70
0xC8
SD CSC Matrix 12
SD CSC matrix coefficient
x
x
x
x
x
x
x
x
Bits[7:0] for c4
0x80
1
x = Logic 0 or Logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com