Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 73 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 69Page - Analog Devices ADV7341_15 Datasheet HTML 70Page - Analog Devices ADV7341_15 Datasheet HTML 71Page - Analog Devices ADV7341_15 Datasheet HTML 72Page - Analog Devices ADV7341_15 Datasheet HTML 73Page - Analog Devices ADV7341_15 Datasheet HTML 74Page - Analog Devices ADV7341_15 Datasheet HTML 75Page - Analog Devices ADV7341_15 Datasheet HTML 76Page - Analog Devices ADV7341_15 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 73 of 108
PRINTED CIRCUIT BOARD LAYOUT AND DESIGN
UNUSED PINS
If the S_HSYNC, S_VSYNC, P_HSYNC, and P_VSYNC pins are
not used, they should be tied to VDD_IO through a pull-up resistor
(10 kΩ or 4.7 kΩ). Any other unused digital inputs should be tied
to ground. Unused digital output pins should be left floating. DAC
outputs can be either left floating or connected to GND. Disabling
these outputs is recommended.
DAC CONFIGURATIONS
The ADV7340/ADV7341 contain six DACs. All six DACs can
be configured to operate in low-drive mode. Low-drive mode is
defined as 4.33 mA full-scale current into a 300 Ω load, RL.
DAC 1, DAC 2, and DAC 3 can also be configured to operate in
full-drive mode. Full-drive mode is defined as 34.7 mA full-
scale current into a 37.5 Ω load, RL. Full drive is the recommended
mode of operation for DAC 1, DAC 2, and DAC 3.
The ADV7340/ADV7341 contain two RSET pins. A resistor
connected between the RSET1 pin and AGND is used to control
the full-scale output current and, therefore, the DAC output
voltage levels of DAC 1, DAC 2, and DAC 3. For low-drive
operation, RSET1 must have a value of 4.12 kΩ, and RL must have a
value of 300 Ω. For full-drive operation, RSET1 must have a value
of 510 Ω, and RL must have a value of 37.5 Ω.
A resistor connected between the RSET2 pin and AGND is used
to control the full-scale output current and, therefore, the DAC
output voltage levels of DAC 4, DAC 5, and DAC 6. RSET2 must
have a value of 4.12 kΩ, and RL must have a value of 300 Ω (that
is, low-drive operation only).
The resistors connected to the RSET1 and RSET2 pins should have a
1% tolerance.
The ADV7340/ADV7341 contain two compensation pins,
COMP1 and COMP2. A 2.2 nF compensation capacitor should
be connected from each of these pins to VAA.
VOLTAGE REFERENCE
The ADV7340/ADV7341 contain an on-chip voltage reference
that can be used as a board-level voltage reference via the VREF
pin. Alternatively, the ADV7340/ADV7341 can be used with an
external voltage reference by connecting the reference source to
the VREF pin. For optimal performance, use an external voltage
reference such as the AD1580 with the ADV7340/ADV7341. If
an external voltage reference is not used, a 0.1 µF capacitor
should be connected from the VREF pin to VAA.
VIDEO OUTPUT BUFFER AND OPTIONAL
OUTPUT FILTER
An output buffer is necessary on any DAC that operates in low-
drive mode (RSETx = 4.12 kΩ, RL = 300 Ω). Analog Devices
produces a range of op amps suitable for this application, for
example, the AD8061. For more information about line driver
buffering circuits, see the relevant op amp data sheet.
An optional reconstruction (anti-imaging) low-pass filter (LPF)
may be required on the ADV7340/ADV7341 DAC outputs if the
part is connected to a device that requires this filtering.
The filter specifications vary with the application. The use of
16× (SD), 8× (ED), or 4× (HD) oversampling can remove the
requirement for a reconstruction filter altogether.
For applications requiring an output buffer and reconstruction
filter, the ADA4430-1, ADA4411-3, and ADA4410-6 integrated
video filter buffers should be considered.
Table 58. ADV7340/ADV7341 Output Rates
Input Mode
(Subaddress 0x01,
Bits[6:4])
PLL Control
(Subaddress
0x00, Bit 1)
Output Rate (MHz)
SD Only
Off
27
(2x)
On
216
(16x)
ED Only
Off
27
(1x)
On
216
(8x)
HD Only
Off
74.25
(1x)
On
297
(4x)
Table 59. Output Filter Requirements
Application
Oversampling
Cutoff
Frequency
(MHz)
Attenuation
–50 dB at
(MHz)
SD
2×
>6.5
20.5
SD
16×
>6.5
209.5
ED
1×
>12.5
14.5
ED
8×
>12.5
203.5
HD
1×
>30
44.25
HD
4×
>30
267
Figure 83. Example of Output Filter for SD, 16× Oversampling
Figure 84. Example of Output Filter for ED, 8× Oversampling
560
Ω
600
Ω
22pF
600
Ω
DAC
OUTPUT
75
Ω
BNC
OUTPUT
10µH
560
Ω
3
4
1
560Ω
6.8pF
600Ω
6.8pF
600Ω
DAC
OUTPUT
75Ω
BNC
OUTPUT
4.7µH
560Ω
3
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com