Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 55Page - Analog Devices ADV7341_15 Datasheet HTML 56Page - Analog Devices ADV7341_15 Datasheet HTML 57Page - Analog Devices ADV7341_15 Datasheet HTML 58Page - Analog Devices ADV7341_15 Datasheet HTML 59Page - Analog Devices ADV7341_15 Datasheet HTML 60Page - Analog Devices ADV7341_15 Datasheet HTML 61Page - Analog Devices ADV7341_15 Datasheet HTML 62Page - Analog Devices ADV7341_15 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 59 of 108
Table 45 shows sample color values that can be programmed
into the color registers when the output standard selection is set
to EIA 770.2/EIA770.3 (Subaddress 0x30, Bits[1:0] = 00).
Table 45. Sample Color Values for EIA 770.2/EIA770.3
ED/HD Output Standard Selection
Sample Color
Y Value
Cr Value
Cb Value
White
235
(0xEB)
128
(0x80)
128
(0x80)
Black
16
(0x10)
128
(0x80)
128
(0x80)
Red
81
(0x51)
240
(0xF0)
90
(0x5A)
Green
145
(0x91)
34
(0x22)
54
(0x36)
Blue
41
(0x29)
110
(0x6E)
240
(0xF0)
Yellow
210
(0xD2)
146
(0x92)
16
(0x10)
Cyan
170
(0xAA)
16
(0x10)
166
(0xA6)
Magenta
106
(0x6A)
222
(0xDE)
202
(0xCA)
COLOR SPACE CONVERSION MATRIX
Subaddress 0x03 to Subaddress 0x09
The internal color space conversion (CSC) matrix automatically
performs all color space conversions based on the input mode
programmed in the mode select register (Subaddress 0x01,
Bits[6:4]). Table 46 and Table 47 show the options available in
this matrix.
An SD color space conversion from RGB-in to YPrPb-out is
possible. An ED/HD color space conversion from RGB-in to
YPrPb-out is not possible.
Table 46. SD Color Space Conversion Options
Input
Output1
YPrPb/RGB Out
(Subaddress 0x02,
Bit 5)
RGB In/YCrCb In
(Subaddress 0x87,
Bit 7)
YCrCb
YPrPb
1
0
YCrCb
RGB
0
0
RGB
YPrPb
1
1
RGB
RGB
0
1
1
CVBS/YC outputs are available for all CSC combinations.
Table 47. ED/HD Color Space Conversion Options
Input
Output
YPrPb/RGB Out
(Subaddress 0x02,
Bit 5)
RGB In/YCrCb In
(Subaddress 0x35,
Bit 1)
YCrCb
YPrPb
1
0
YCrCb
RGB
0
0
RGB
RGB
0
1
SD Manual CSC Matrix Adjust Feature
The SD manual CSC matrix adjust feature provides custom
coefficient manipulation for RGB to YPbPr conversion (for
YPbPr to RGB conversion, this matrix adjustment is not
available).
Normally, there is no need to modify the SD matrix coefficients
because the CSC matrix automatically performs the color space
conversion based on the output color space selected (see Table 46).
Note that Bit 7 in Subaddress 0x87 must be set to enable RGB
input and, therefore, use the CSC manual adjustment.
The SD CSC matrix scalar uses the following equations:
Y = (a1 × R) + (a2 × G) + (a3 × B) + a4
Pr = (b1 × R) + (b2 × G) + (b3 × B) + b4
Pb = (c1 × R) + (c2 × G) + (c3 × B) + c4
The coefficients and their default values and register locations
are shown in Table 48.
Table 48. SD Manual CSC Matrix Default Values
Coefficient
Subaddress
Default
a1
0xBD
0x42
a2
0xBE
0x81
a3
0xBF
0x19
a4
0xC0
0x10
b1
0xC1
0x70
b2
0xC2
0x5E
b3
0xC3
0x12
b4
0xC4
0x80
c1
0xC5
0x26
c2
0xC6
0x4A
c3
0xC7
0x70
c4
0xC8
0x80
ED/HD Manual CSC Matrix Adjust Feature
The ED/HD manual CSC matrix adjust feature provides custom
coefficient manipulation for color space conversions and is used
in ED and HD modes only. The ED/HD manual CSC matrix
adjust feature can be enabled using Subaddress 0x02, Bit 3.
Normally, there is no need to enable this feature because the CSC
matrix automatically performs the color space conversion based
on the input mode chosen (ED or HD) and the input and output
color spaces selected (see Table 47). For this reason, the ED/HD
manual CSC matrix adjust feature is disabled by default.
If RGB output is selected, the ED/HD CSC matrix scalar uses
the following equations:
R = GY × Y + RV × Pr
G = GY × Y − (GU × Pb) − (GV × Pr)
B = GY × Y + BU × Pb
Note that subtractions are implemented in hardware.
If YPrPb output is selected, the following equations are used:
Y = GY × Y
Pr = RV × Pr
Pb = BU × Pb
where:
GY = Subaddress 0x05, Bits[7:0] and Subaddress 0x03, Bits[1:0].
GU = Subaddress 0x06, Bits[7:0] and Subaddress 0x04, Bits[7:6].
GV = Subaddress 0x07, Bits[7:0] and Subaddress 0x04, Bits[5:4].
BU = Subaddress 0x08, Bits[7:0] and Subaddress 0x04, Bits[3:2].
RV = Subaddress 0x09, Bits[7:0] and Subaddress 0x04, Bits[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com