Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341 Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 65Page - Analog Devices ADV7341_15 Datasheet HTML 66Page - Analog Devices ADV7341_15 Datasheet HTML 67Page - Analog Devices ADV7341_15 Datasheet HTML 68Page - Analog Devices ADV7341_15 Datasheet HTML 69Page - Analog Devices ADV7341_15 Datasheet HTML 70Page - Analog Devices ADV7341_15 Datasheet HTML 71Page - Analog Devices ADV7341_15 Datasheet HTML 72Page - Analog Devices ADV7341_15 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 69 of 108
EXTERNAL HORIZONTAL AND VERTICAL SYNCHRONIZATION CONTROL
For synchronization purposes, the ADV7340/ADV7341 are able to accept either time codes embedded in the input pixel data or external
synchronization signals provided on the S_HSYNC, S_VSYNC, P_HSYNC, P_VSYNC, and P_BLANK pins (see Table 54). It is also
possible to output synchronization signals on the S_HSYNC and S_VSYNC pins (see Table 55 to Table 57).
Table 54. Timing Synchronization Signal Input Options
Signal
Pin
Condition
SD HSYNC In
S_HSYNC
SD slave timing mode (1, 2, or 3) selected (Subaddress 0x8A[2:0]).1
SD VSYNC In
S_VSYNC
SD Slave timing mode (1, 2, or 3) selected (Subaddress 0x8A[2:0]).1
ED/HD HSYNC In
P_HSYNC
ED/HD timing sync; inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD VSYNC In
P_VSYNC
ED/HD timing sync; inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD BLANK In
P_BLANK
1
SD and ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02[7:6] = 00).
Table 55. Timing Synchronization Signal Output Options
Signal
Pin
Condition
SD HSYNC Out
S_HSYNC
SD timing sync; outputs enabled (Subaddress 0x02, Bit 6 = 1).1
SD VSYNC Out
S_VSYNC
SD timing sync; outputs enabled (Subaddress 0x02, Bit 6 = 1).1
ED/HD HSYNC Out
S_HSYNC
ED/HD timing sync; outputs enabled (Subaddress 0x02, Bit 7 = 1).
ED/HD VSYNC Out
S_VSYNC
ED/HD timing sync; outputs enabled (Subaddress 0x02, Bit 7 = 1).
1
ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02, Bit 7 = 0).
Table 56. HSYNC Output Control1, 2
ED/HD Input Sync
Format (Subaddress
0x30, Bit 2)
ED/HD HSYNC
Control
(Subaddress
0x34, Bit 1)
ED/HD Sync
Output Enable
(Subaddress
0x02, Bit 7)
SD Sync Output
Enable
(Subaddress
0x02, Bit 6)
Signal on S_HSYNC Pin
Duration
X
X
0
0
Three-state.
N/A.
X
X
0
1
Pipelined SD HSYNC.
See the
SD Timing
section.
0
0
1
X
Pipelined ED/HD HSYNC.
As per HSYNC timing.
1
0
1
X
Pipelined ED/HD HSYNC based on
the AV Code H bit.
Same as line blanking
interval.
X
1
1
X
Pipelined ED/HD HSYNC based on
the horizontal counter.
Same as embedded
HSYNC.
1
In all ED/HD standards where there is an HSYNC output, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
2
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com